Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH690A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SFH690A
Description  Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH690A Datasheet(HTML) 3 Page - Vishay Siliconix

  SFH690A Datasheet HTML 1Page - Vishay Siliconix SFH690A Datasheet HTML 2Page - Vishay Siliconix SFH690A Datasheet HTML 3Page - Vishay Siliconix SFH690A Datasheet HTML 4Page - Vishay Siliconix SFH690A Datasheet HTML 5Page - Vishay Siliconix SFH690A Datasheet HTML 6Page - Vishay Siliconix SFH690A Datasheet HTML 7Page - Vishay Siliconix SFH690A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SFH690AB, SFH690A, SFH690B, SFH690C, SFH690D
www.vishay.com
Vishay Semiconductors
Rev. 2.6, 17-Nov-15
3
Document Number: 83686
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
Fig. 2 - Switching Operation (without saturation)
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 5 mA
VF
-
1.15
1.4
V
Reverse current
VR = 6 V
IR
-0.01
10
μA
Capacitance
VR = 0 V, f = 1 MHz
CO
-14-
pF
Thermal resistance
RthJA
-
750
-
K/W
OUTPUT
Collector emitter leakage current
VCE = 20 V
ICEO
-
-
100
nA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
-2.8
-
pF
Thermal resistance
RthJA
-
500
-
K/W
COUPLER
Collector emitter saturation voltage
IF = 10 mA, IC = 2 mA
VCEsat
-0.1
0.3
V
Coupling capacitance
f = 1 MHz
CC
-0.3
-
pF
CURRENT TRANSFER RATIO (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
IC/IF
IF = 5 mA, VCE = 5 V
SFH690ABT
CTR
50
-
300
%
SFH690AT
CTR
50
-
150
%
SFH690BT
CTR
100
-
300
%
SFH690CT
CTR
100
-
200
%
SFH690DT
CTR
200
-
400
%
SWITCHING CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Rise time
IC = 2 mA, VCC = 5 V, RL = 100
Ω
tr
-3-
μs
Fall timet
IC = 2 mA, VCC = 5 V, RL = 100
Ω
tf
-4-
μs
Turn-on time
IC = 2 mA, VCC = 5 V, RL = 100
Ω
ton
-5-
μs
Turn-off time
IC = 2 mA, VCC = 5 V, RL = 100
Ω
toff
-3-
μs
isfh690at_01
R L =100 Ω
V CC =5V
50
Ω
I F


Similar Part No. - SFH690A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690A VISHAY-SFH690A Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690A VISHAY-SFH690A Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690AB VISHAY-SFH690AB Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690AB VISHAY-SFH690AB Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690ABT VISHAY-SFH690ABT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
More results

Similar Description - SFH690A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH690DT VISHAY-SFH690DT Datasheet
129Kb / 7P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
Rev. 2.5, 23-May-13
SFH690D VISHAY-SFH690D_V01 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2022
SFH690AB VISHAY-SFH690AB_V02 Datasheet
132Kb / 8P
   Optocoupler Phototransistor Output, SOP-4, 100 mil Pitch, Mini-Flat Package
01-Jan-2023
SFH690ABT VISHAY-SFH690ABT Datasheet
133Kb / 7P
   Optocoupler, Phototransistor Output, SOP-4, Mini-Flat Package
Rev. 1.5, 20-Apr-04
SFH691AT VISHAY-SFH691AT_08 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.7, 16-May-08
SFH691AT VISHAY-SFH691AT Datasheet
117Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
Rev. 1.6, 26-Oct-04
SFH691AT VISHAY-SFH691AT_V02 Datasheet
97Kb / 5P
   Optocoupler, Phototransistor Output, SOP-4, AC Input, Mini-Flat Package
01-Jan-2023
TCLT1000 VISHAY-TCLT1000_07 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT100 VISHAY-TCLT100 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT100 VISHAY-TCLT100_V02 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com