Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2988AIM-3.3 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2988AIM-3.3
Description  Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2988AIM-3.3 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP2988AIM-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP2988AIM-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP2988AIM-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP2988AIM-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP2988AIM-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP2988AIM-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP2988AIM-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP2988AIM-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP2988AIM-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LP2987/LP2988
Micropower, 200 mA Ultra Low-Dropout Voltage
Regulator with Programmable Power-On Reset Delay;
Low Noise Version Available (LP2988)
General Description
The LP2987/8 are fixed-output 200 mA precision LDO volt-
age regulators with power-ON reset delay which can be
implemented using a single external capacitor.
The LP2988 is specifically designed for noise-critical appli-
cations. A single external capacitor connected to the Bypass
pin reduces regulator output noise.
Using an optimized VIP(Vertically Integrated PNP) pro-
cess, these regulators deliver superior performance:
Dropout Voltage: 180 mV @ 200 mA load, and 1 mV @ 1mA
load (typical).
Ground Pin Current: 1mA @ 200 mA load, and 200 µA @
10 mA load (typical).
Sleep Mode: The LP2987/8 draws less than 2 µA quiescent
current when shutdown pin is held low.
Error Flag/Reset: The error flag goes low when the output
drops approximately 5% below nominal. This pin also pro-
vides a power-ON reset signal if a capacitor is connected to
the DELAY pin.
Precision Output: Standard product versions of the LP2987
and LP2988 are available with output voltages of 5.0V, 3.8V,
3.3V, 3.2V, 3.0V, or 2.8V, with guaranteed accuracy of 0.5%
(“A” grade) and 1% (standard grade) at room temperature.
Features
n
Ultra low dropout voltage
n
Power-ON reset delay requires only one component
n
Bypass pin for reduced output noise (LP2988)
n
Guaranteed continuous output current 200 mA
n
Guaranteed peak output current > 250 mA
n
SO-8 and mini SO-8 surface mount packages
n <
2 µA quiescent current when shutdown
n
Low ground pin current at all loads
n
0.5% output voltage accuracy (“A” grade)
n
Wide supply voltage range (16V max)
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Cellular Phone
n
Palmtop/Laptop Computer
n
Camcorder, Personal Stereo, Camera
Block Diagrams
10001701
10001702
VIPis a trademark of National Semiconductor Corporation.
February 2002
© 2002 National Semiconductor Corporation
DS100017
www.national.com


Similar Part No. - LP2988AIM-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2988AIM-5.0 TI1-LP2988AIM-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2988AIM-5.0/NOPB TI1-LP2988AIM-5.0/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
More results

Similar Description - LP2988AIM-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2987 TI-LP2987_15 Datasheet
1Mb / 30P
[Old version datasheet]   LP2987/LP2988 Micropower, 200 mA Ultra Low-Dropout Voltage Regulator with Programmable Power-On Reset Delay; Low Noise Version Available (LP2988)
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
logo
NXP Semiconductors
LD6806 PHILIPS-LD6806 Datasheet
2Mb / 36P
   Ultra low-dropout regulator, low noise, 200 mA
Rev. 3-9 December 2011
logo
Texas Instruments
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
LP3985 TI1-LP3985_16 Datasheet
1Mb / 32P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP3985 TI1-LP3985 Datasheet
1Mb / 33P
[Old version datasheet]   Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
LP2989 TI1-LP2989 Datasheet
1Mb / 34P
[Old version datasheet]   Micropower and Low-Noise, 500-mA Ultra Low-Dropout Regulator
LP3982 TI1-LP3982_16 Datasheet
1Mb / 28P
[Old version datasheet]   Micropower, Ultra-Low-Dropout, Low-Noise, 300-mA CMOS Regulator
logo
National Semiconductor ...
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
logo
Texas Instruments
LP3985 TI-LP3985_15 Datasheet
1Mb / 33P
[Old version datasheet]   LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com