Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC772CD Datasheet(PDF) 10 Page - Vishay Siliconix

Part # SIC772CD
Description  DrMOS Integrated Power Stage
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC772CD Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button SIC772CD Datasheet HTML 5Page - Vishay Siliconix SIC772CD Datasheet HTML 6Page - Vishay Siliconix SIC772CD Datasheet HTML 7Page - Vishay Siliconix SIC772CD Datasheet HTML 8Page - Vishay Siliconix SIC772CD Datasheet HTML 9Page - Vishay Siliconix SIC772CD Datasheet HTML 10Page - Vishay Siliconix SIC772CD Datasheet HTML 11Page - Vishay Siliconix SIC772CD Datasheet HTML 12Page - Vishay Siliconix SIC772CD Datasheet HTML 13Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.vishay.com
10
Document Number: 63822
S13-1024-Rev. B, 10-Jun-13
Vishay Siliconix
SiC772CD
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: powerictechsupport@vishay.com
ELECTRICAL CHARACTERISTICS
Start-up with VDRV/VCIN Ramping Up
VIN = 19 V, VOUT = 1 V, fSW = 800 kHz, IOUT = 0 A
Switching Waveform at PWM Rising Edge
VIN = 19 V, VOUT = 1 V, fSW = 800 kHz, IOUT = 0 A
Switching Waveform at PWM Rising Edge
VIN = 19 V, VOUT = 1 V, fSW = 800 kHz, IOUT = 30 A
VIN:10V/div
Vo:0.5V/div
VDRV/VCIN:2V/div
PWM:5V/div
t:200us/div
PWM:2V/div
GH:5V/div
GL:2V/div
VSWH:5V/div
t:10ns/div
PWM:2V/div
GH:5V/div
GL:2V/div
VSWH:5V/div
t:10ns/div
Power off with VDRV/VCIN Ramping Down
VIN = 19 V, VOUT = 1 V, fSW = 800 kHz, IOUT = 1.2 A
Switching Waveform at PWM Falling Edge
VIN = 19 V, VOUT = 1 V, fSW = 800 kHz, IOUT = 0 A
Switching Waveform at PWM Falling Edge
VIN = 19 V, VOUT = 1 V, fSW = 800 kHz, IOUT = 30 A
VIN:10V/div
Vo:0.5V/div
VDRV/VCIN:2V/div
PWM:5V/div
t:20ms/div
PWM:2V/div
GH:5V/div
GL:2V/div
VSWH:5V/div
t:10ns/div
PWM:2V/div
GH:5V/div
GL:2V/div
VSWH:5V/div
t:10ns/div


Similar Part No. - SIC772CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SiC770CD-T1-GE3 VISHAY-SiC770CD-T1-GE3 Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SiC770DB VISHAY-SiC770DB Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC778A VISHAY-SIC778A Datasheet
719Kb / 13P
   High Performance DrMOS ??Integrated Power Stage
Rev. B, 21-May-12
SIC778A VISHAY-SIC778A Datasheet
728Kb / 13P
   High Performance DrMOS ??Integrated Power Stage
08-Feb-17
More results

Similar Description - SIC772CD

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC780 VISHAY-SIC780 Datasheet
343Kb / 14P
   Integrated DrMOS Power Stage
Rev. B, 21-May-12
SIC770CD VISHAY-SIC770CD Datasheet
450Kb / 13P
   DrMOS Integrated Power Stage
Rev. A, 27-May-13
SIC780 VISHAY-SIC780_V01 Datasheet
319Kb / 14P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769 VISHAY-SIC769 Datasheet
380Kb / 18P
   Integrated DrMOS Power Stage
Rev. F, 16-May-11
SIC779 VISHAY-SIC779 Datasheet
372Kb / 17P
   Integrated DrMOS Power Stage
Rev. B, 18-Apr-11
SIC769AC VISHAY-SIC769AC Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
Rev. B, 18-Jan-10
SIC762CD VISHAY-SIC762CD_V01 Datasheet
548Kb / 18P
   Integrated DrMOS Power Stage
08-Feb-17
SIC779 VISHAY-SIC779_V01 Datasheet
378Kb / 17P
   Integrated DrMOS Power Stage
08-Feb-17
SIC769ACD VISHAY-SIC769ACD_V01 Datasheet
543Kb / 19P
   Integrated DrMOS Power Stage
08-Feb-17
SIC762CD VISHAY-SIC762CD Datasheet
542Kb / 18P
   Integrated DrMOS Power Stage
Rev. A, 08-Feb-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com