Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SiC620ARDB Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SiC620ARDB
Description  60 A VRPower Integrated Power Stage
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SiC620ARDB Datasheet(HTML) 3 Page - Vishay Siliconix

  SiC620ARDB Datasheet HTML 1Page - Vishay Siliconix SiC620ARDB Datasheet HTML 2Page - Vishay Siliconix SiC620ARDB Datasheet HTML 3Page - Vishay Siliconix SiC620ARDB Datasheet HTML 4Page - Vishay Siliconix SiC620ARDB Datasheet HTML 5Page - Vishay Siliconix SiC620ARDB Datasheet HTML 6Page - Vishay Siliconix SiC620ARDB Datasheet HTML 7Page - Vishay Siliconix SiC620ARDB Datasheet HTML 8Page - Vishay Siliconix SiC620ARDB Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
SiC620R, SiC620AR
www.vishay.com
Vishay Siliconix
S14-2189, Rev. A 03-Nov-14
3
Document Number: 63589
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the
specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
(1) The specification values indicated “AC” is VSWH to PGND -8 V (< 20 ns, 10 μJ), min. and 30 V (< 50 ns), max.
(2) The specification value indicates “AC voltage” is VBOOT to PGND, 38 V (< 50 ns) max.
(3) The specification value indicates “AC voltage” is VBOOT to VPHASE, 8 V (< 20 ns) max.
(4) Output current rated with testing evaluation board at TA = 25 °C with natural convection cooling. The rating is limited by the peak evaluation
board temperature, TJ
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL PARAMETER
CONDITIONS
LIMIT
UNIT
Input Voltage
VIN
-0.3 to +25
V
Control Logic Supply Voltage
VCIN
-0.3 to +7
Drive Supply Voltage
VDRV
-0.3 to +7
Switch Node (DC voltage)
VSWH
-0.3 to +25
Switch Node (AC voltage) (1)
-7 to +30
BOOT Voltage (DC voltage)
VBOOT
32
BOOT Voltage (AC voltage) (2)
38
BOOT to PHASE (DC voltage)
VBOOT-PHASE
-0.3 to +7
BOOT to PHASE (AC voltage) (3)
-0.3 to +8
All Logic Inputs and Outputs
(PWM, DSBL#, and THWn)
-0.3 to VCIN +0.3
Output Current, IOUT(AV) (4)
fS = 300 kHz, VIN = 12 V, VOUT = 1.8 V
60
A
fS = 1 MHz, VIN = 12 V, VOUT = 1.8 V
50
Max. Operating Junction Temperature
TJ
150
°C
Ambient Temperature
TA
-40 to +125
Storage Temperature
Tstg
-65 to +150
Electrostatic Discharge Protection
Human body model, JESD22-A114
3000
V
Charged device model, JESD22-C101
500
RECOMMENDED OPERATING RANGE
ELECTRICAL PARAMETER
MINIMUM
TYPICAL
MAXIMUM
UNIT
Input Voltage (VIN)4.5
-
18
V
Drive Supply Voltage (VDRV)
4.555.5
Control Logic Supply Voltage (VCIN)
4.555.5
Switch Node (VSWH, DC voltage)
-
-
18
BOOT to PHASE (VBOOT-PHASE, DC voltage)
4
4.5
5.5
Thermal Resistance from Junction to Ambient
-
10.6
-
°C/W
Thermal Resistance from Junction to Case
-
1.6
-


Similar Part No. - SiC620ARDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620AR VISHAY-SIC620AR Datasheet
297Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC620ARCD-T1-GE3 VISHAY-SIC620ARCD-T1-GE3 Datasheet
297Kb / 19P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SiC620ARDB

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC789 VISHAY-SIC789 Datasheet
310Kb / 19P
   60 A VRPower® Integrated Power Stage
Rev. B, 08-Dec-14
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC532 VISHAY-SIC532 Datasheet
368Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 23-Nov-15
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com