Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC789 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIC789
Description  60 A VRPower® Integrated Power Stage
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC789 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIC789 Datasheet HTML 1Page - Vishay Siliconix SIC789 Datasheet HTML 2Page - Vishay Siliconix SIC789 Datasheet HTML 3Page - Vishay Siliconix SIC789 Datasheet HTML 4Page - Vishay Siliconix SIC789 Datasheet HTML 5Page - Vishay Siliconix SIC789 Datasheet HTML 6Page - Vishay Siliconix SIC789 Datasheet HTML 7Page - Vishay Siliconix SIC789 Datasheet HTML 8Page - Vishay Siliconix SIC789 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
SiC789, SiC789A
www.vishay.com
Vishay Siliconix
S14-2287-Rev. B, 08-Dec-14
2
Document Number: 62972
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PINOUT CONFIGURATION
Fig. 2 - SiC789 and SiC789A Pin Configuration
PIN DESCRIPTION
PIN NUMBER
NAME
FUNCTION
1
SMOD#
Low-side gate turn-off logic. Active low
2VCIN
Supply voltage for internal logic circuitry
3VDRV
Supply voltage for internal gate driver
4
BOOT
High-side driver bootstrap voltage
5, 37, 41
CGND
Analog ground for the driver IC
6
GH
High-side gate signal
7
PHASE
Return path of high-side gate driver
8 to 14, 42
VIN
Power stage input voltage. Drain of high-side MOSFET
15, 29 to 35, 43
VSWH
Switch node of the power stage
16 to 28
PGND
Power ground
36
GL
Low-side gate signal
38
THWn
Thermal warning open drain output
39
DSBL#
Disable pin. Active low
40
PWM
PWM control input
ORDERING INFORMATION
PART NUMBER
PACKAGE
MARKING CODE
OPTION
SiC789ACD-T1-GE3
PowerPAK® MLP66-40L
SiC789A
3.3 V PWM optimized
SiC789CD-T1-GE3
SiC789
5 V PWM optimized
SiC789ADB and SiC789DB
Reference board
SMOD# 1
VCIN 2
VDRV 3
BOOT 4
CGND 5
GH 6
PHASE 7
VIN 8
VIN 9
VIN 10
28 PGND
27 PGND
26 PGND
25 PGND
24 PGND
23 PGND
22 PGND
21 PGND
30 VSWH
29 VSWH
41
CGND
42
VIN
43
VSWH
Top view
1 SMOD#
2 VCIN
3 VDRV
4 BOOT
5 CGND
6 GH
7 PHASE
8 VIN
9 VIN
10 VIN
PGND 28
PGND 27
PGND 26
PGND 25
PGND 24
PGND 23
PGND 22
PGND 21
VSWH 30
VSWH 29
Bottom view
41
CGND
42
VIN
43
VSWH


Similar Part No. - SIC789

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC789 VISHAY-SIC789 Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC789A VISHAY-SIC789A Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC789ACD-T1-GE3 VISHAY-SIC789ACD-T1-GE3 Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC789ADBANDSIC789DB VISHAY-SIC789ADBANDSIC789DB Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
SIC789A VISHAY-SIC789A_V01 Datasheet
278Kb / 18P
   60 A VRPower짰 Integrated Power Stage
01-Jan-2022
More results

Similar Description - SIC789

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIC620R VISHAY-SIC620R Datasheet
322Kb / 18P
   60 A VRPower Integrated Power Stage
Rev. A 03-Nov-14
SIC620 VISHAY-SIC620 Datasheet
316Kb / 20P
   60 A VRPower Integrated Power Stage
Rev. E, 08-Dec-14
SIC533 VISHAY-SIC533 Datasheet
361Kb / 17P
   35 A VRPower® Integrated Power Stage
Rev. A, 14-Nov-16
SIC521 VISHAY-SIC521 Datasheet
365Kb / 16P
   30 A VRPower® Integrated Power Stage
Rev. B, 09-Feb-15
SIC781CD VISHAY-SIC781CD Datasheet
283Kb / 14P
   50 A, VRPower® Integrated Power Stage
25-Aug-14
SIC534 VISHAY-SIC534 Datasheet
368Kb / 17P
   30 A VRPower® Integrated Power Stage
Rev. A, 10-Oct-16
SIC530 VISHAY-SIC530 Datasheet
378Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. B, 02-Nov-15
SIC632 VISHAY-SIC632 Datasheet
322Kb / 19P
   50 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
SIC631 VISHAY-SIC631 Datasheet
316Kb / 18P
   50 A VRPower Integrated Power Stage
Rev. C, 27-Jun-16
SIC531 VISHAY-SIC531 Datasheet
356Kb / 17P
   30 A VRPower Integrated Power Stage
Rev. A, 30-Nov-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com