Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIP12108 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # SIP12108
Description  2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP12108 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button SIP12108 Datasheet HTML 2Page - Vishay Siliconix SIP12108 Datasheet HTML 3Page - Vishay Siliconix SIP12108 Datasheet HTML 4Page - Vishay Siliconix SIP12108 Datasheet HTML 5Page - Vishay Siliconix SIP12108 Datasheet HTML 6Page - Vishay Siliconix SIP12108 Datasheet HTML 7Page - Vishay Siliconix SIP12108 Datasheet HTML 8Page - Vishay Siliconix SIP12108 Datasheet HTML 9Page - Vishay Siliconix SIP12108 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
SiP12108, SiP12108A
www.vishay.com
Vishay Siliconix
S13-2257-Rev. B, 11-Nov-13
6
Document Number: 62699
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS (VIN = 3.3 V, L = 1 μH, C = 3 x 22 μF, fSW = 1.2 MHz unless noted otherwise)
Fig. 4 - Efficiency - PWM Mode
Fig. 5 - Load Regulation - PWM Mode
Fig. 6 - FSW Variation - PWM Mode
Fig. 7 - Efficiency - PSM Mode
Fig. 8 - Load Regulation - PSM Mode
Fig. 9 - FSW Variation - PSM Mode
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
IOUT (A)
Vo -1.2V
Vo- 1.8V
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
0.01
0.1
1
10
I
OUT (A)
Vo - 1.2V
Vo - 1.8V
0
0.2
0.4
0.6
0.8
1
1.2
0.01
0.1
1
10
IOUT (A)
Vo - 1.2V
Vo - 1.8V
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
IOUT(A)
Vo - 1.2V
Vo - 1.8V
-0.04
-0.02
0
0.02
0.04
0.06
0.08
0.1
0.12
0.01
0.1
1
10
I
OUT (A)
Vo - 1.2V
Vo - 1.8V
0
0.2
0.4
0.6
0.8
1
1.2
0.01
0.1
1
10
IOUT(A)
Vo - 1.2V
Vo - 1.8V


Similar Part No. - SIP12108

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
SIP12108 VISHAY-SIP12108 Datasheet
4Mb / 12P
   microBUCK® Highly Integrated Synchronous Buck Regulators
SIP12108A VISHAY-SIP12108A Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
SIP12108ADB VISHAY-SIP12108ADB Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
SIP12108ADMP-T1GE4 VISHAY-SIP12108ADMP-T1GE4 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
More results

Similar Description - SIP12108

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SIP12108 VISHAY-SIP12108_V01 Datasheet
1Mb / 17P
   2.8 V to 5.5 V Input 5 A Synchronous Buck Regulator
01-Jan-2022
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
   2.8 V to 5.5 V Input voltage
22-Feb-2022
logo
Vishay Siliconix
SIC462 VISHAY-SIC462 Datasheet
1Mb / 23P
   4.5 V to 60 V Input, 6 A Synchronous Buck Regulator
Rev. D, 13-Mar-17
SIP12109 VISHAY-SIP12109 Datasheet
317Kb / 17P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 16-Dec-13
SIP12110 VISHAY-SIP12110 Datasheet
374Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
Rev. A, 15-Sep-14
SIP12110 VISHAY-SIP12110_V01 Datasheet
400Kb / 16P
   6 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
SIP12109 VISHAY-SIP12109_V01 Datasheet
328Kb / 16P
   4 A, 4.5 V to 15 V Input Synchronous Buck Regulator
01-Jan-2022
logo
Texas Instruments
TPS65280 TI-TPS65280_15 Datasheet
1Mb / 34P
[Old version datasheet]   DUAL POWER DISTRIBUTION SWITCH AND MONOLITHIC SYNCHRONOUS BUCK REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND REGULATOR WITH 5.5-V TO 18-V INPUT VOLTAGE, FIXED 5-V OUTPUT VOLTAGE AND
logo
Vishay Siliconix
SIC431 VISHAY-SIC431 Datasheet
809Kb / 24P
   Synchronous Buck Regulator 24 V Input, 24 A (SiC431)
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com