Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1016958 Datasheet(PDF) 5 Page - SICK AG

Part # 1016958
Description  BAR CODE SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1016958 Datasheet(HTML) 5 Page - SICK AG

  1016958 Datasheet HTML 1Page - SICK AG 1016958 Datasheet HTML 2Page - SICK AG 1016958 Datasheet HTML 3Page - SICK AG 1016958 Datasheet HTML 4Page - SICK AG 1016958 Datasheet HTML 5Page - SICK AG 1016958 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
CLV490-0010 | CLV49x
BAR CODE SCANNERS
Reading field diagram
a
b
c
Reading field height in mm (inch)
–200
(–7.87)
200
(7.87)
–400
(–15.75)
400
(15.75)
600
(23.62)
–600
(–23.62)
0
400
(15.75)
700
(27.56)
1,000
(39.37)
1,300
(51.18)
1,600
(62.99)
1,900
(74.8)
2,200
(86.61)
Reading distance in mm (inch)
Resolution
a: 0.30 mm (11.8 mil)
c: 0.50 mm (19.7 mil)
b: 0.35 mm (13.8 mil)
Recommended accessories
Other models and accessories
www.sick.com/CLV49x
Brief description
Type
Part no.
Mounting brackets and plates
Simple mounting bracket
Mounting bracket
2013824
Modules
Modular connection module for one sensor
CDM490-0001
1025363
Plug connectors and cables
Head A: male connector, female connector, D-Sub-HD, D-Sub-HD, 15-pin
Head B: male connector, D-Sub-HD, 15-pin
Cable: Power, serial, CAN, digital I/Os, unshielded, 3 m
Connection cable
2030023
Head A: male connector, female connector, D-Sub-HD, 15-pin
Head B: male connector, D-Sub-HD, 15-pin
Female connector
Cable: Power, serial, CAN, digital I/Os, shielded, 3 m
Cover for male
connector
2020307
2016-10-28 19:13:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
5


Similar Part No. - 1016958

ManufacturerPart #DatasheetDescription
logo
SICK AG
1016950 SICK-1016950 Datasheet
1Mb / 8P
   CONTRAST SENSORS
logo
Amphenol Communications...
10169536 AMPHENOLCS-10169536 Datasheet
1Mb / 2P
   PLUG ASSEMBLY DURAEV
Rev. 1
10169537 AMPHENOLCS-10169537 Datasheet
953Kb / 2P
   SOCKET ASSEMBLY DURAEV
Rev. 1
logo
SICK AG
1016959 SICK-1016959 Datasheet
805Kb / 6P
   BAR CODE SCANNERS
More results

Similar Description - 1016958

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com