Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV490-3011 Datasheet(PDF) 2 Page - SICK AG

Part # CLV490-3011
Description  BAR CODE SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV490-3011 Datasheet(HTML) 2 Page - SICK AG

  CLV490-3011 Datasheet HTML 1Page - SICK AG CLV490-3011 Datasheet HTML 2Page - SICK AG CLV490-3011 Datasheet HTML 3Page - SICK AG CLV490-3011 Datasheet HTML 4Page - SICK AG CLV490-3011 Datasheet HTML 5Page - SICK AG CLV490-3011 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV490-3011 | CLV49x
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLV490-3011
1019314
Other models and accessories
www.sick.com/CLV49x
Detailed technical data
Features
Version
High Density
Connection type
Standard
Reading field
Oscillating mirror
Scanner design
Line scanner
Focus
Auto focus (alternative: dynamic focus control)
No. of distance configurations
≤ 8
Focus adjustment time
≤ 20 ms
Focus trigger source
Switching inputs “IN 0 ... IN 4” / data interface / timer
Light source
Visible red light (650 nm)
MTBF
80,000 h
Laser class
2 (DIN EN 60825-1)
Aperture angle
≤ 50°
Scanning frequency
600 Hz ... 1,200 Hz
Code resolution
0.17 mm ... 0.4 mm
Reading distance
400 mm ... 1,600 mm 1)
Oscillating mirror functions
Fixed (adjustable position), oscillating (variable or fixed amplitude), one shot
Oscillation frequency 0.5 Hz ... 4 Hz
Angle of deflection –20° ... 20° (can be adjusted via software)
Heating
With heating
On delay
35 ... 40 min at –35 °C and 24  V DC
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, GS1-128 / EAN 128, UPC /
GTIN / EAN, Interleaved 2 of 5
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 12 (Standard decoder)
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2016-10-28 19:13:08
Subject to change without notice


Similar Part No. - CLV490-3011

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV490-3010 SICK-CLV490-3010 Datasheet
805Kb / 6P
   BAR CODE SCANNERS
More results

Similar Description - CLV490-3011

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com