Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCLT1007 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCLT1007
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT1007 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button TCLT1007 Datasheet HTML 2Page - Vishay Siliconix TCLT1007 Datasheet HTML 3Page - Vishay Siliconix TCLT1007 Datasheet HTML 4Page - Vishay Siliconix TCLT1007 Datasheet HTML 5Page - Vishay Siliconix TCLT1007 Datasheet HTML 6Page - Vishay Siliconix TCLT1007 Datasheet HTML 7Page - Vishay Siliconix TCLT1007 Datasheet HTML 8Page - Vishay Siliconix TCLT1007 Datasheet HTML 9Page - Vishay Siliconix TCLT1007 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
TCLT10.. Series
Vishay Telefunken
www.vishay.com
6 (12)
Document Number 83515
Rev. A3, 19–Mar–01
Switching Characteristics
Parameter
Test Conditions
Symbol
Typ.
Unit
Delay time
VS = 5 V, IC = 2 mA, RL = 100 Q (see fig re 3)
td
3.0
lJ
s
Rise time
tr
3.0
lJ
s
Turn-on time
ton
6.0
lJ
s
Storage time
ts
0.3
lJ
s
Fall time
tf
4.7
lJ
s
Turn-off time
toff
5.0
lJ
s
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kQ (see fig re 4)
ton
9.0
�-ts
Turn-off time
toff
10.0
�-ts
IF
IF
0
+ 5 V
IF
IC = 2 mA; adjusted through
input amplitude
96 11698
RG = 50 Q
0
t
tp
tp
= 0.01
T
tp = 50 �-ts
95 10804
50
Q
100
Q
Channel I
Channel II
Oscilloscope
RL = 1 MQ
CL = 20 pF
IC
100%
90%
Figure 1. Test circuit, non-saturated operation
10%
0
tr
td
t
ts
tf
IF
IF = 10 mA
0
+ 5 V
IC
ton
tp
pulse duration
toff
ts
storage time
RG = 50 Q
tp
= 0.01
td
delay time
tr
rise time
ton (= td + tr)
turn-on time
tf
fall time
toff (= ts + tf)
turn-off time
T
tp = 50 �-ts
50
Q
1 k
Q
Channel I
Channel II
Oscilloscope
RL > 1 MQ
CL < 20 pF
Figure 3. Switching times
95 10843
Figure 2. Test circuit, saturated operation


Similar Part No. - TCLT1007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCLT1007 VISHAY-TCLT1007 Datasheet
413Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A3, 19-Mar-01
TCLT1007 VISHAY-TCLT1007 Datasheet
129Kb / 9P
   Optocoupler,Phototransistor Output, SOP-4L,Long Mini-Flat Package
Rev. 2.2, 21-Nov-07
TCLT1007 VISHAY-TCLT1007 Datasheet
130Kb / 6P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Package
Rev. 2.4, 29-Apr-11
TCLT1007 VISHAY-TCLT1007 Datasheet
169Kb / 9P
   Optocoupler, Phototransistor Output, SOP-4L, Long Mini-Flat Packages
01-Jan-2022
More results

Similar Description - TCLT1007

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com