Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1068608 Datasheet(PDF) 2 Page - SICK AG

Part # 1068608
Description  BAR CODE SCANNERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1068608 Datasheet(HTML) 2 Page - SICK AG

  1068608 Datasheet HTML 1Page - SICK AG 1068608 Datasheet HTML 2Page - SICK AG 1068608 Datasheet HTML 3Page - SICK AG 1068608 Datasheet HTML 4Page - SICK AG 1068608 Datasheet HTML 5Page - SICK AG 1068608 Datasheet HTML 6Page - SICK AG 1068608 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
CLV615-D2410 | CLV61x Dual Port
BAR CODE SCANNERS
Ordering information
Type
Part no.
CLV615-D2410
1068608
Other models and accessories
www.sick.com/CLV61x_Dual_Port
Detailed technical data
Features
Version
Long Range
Connection type
Cable
Reading field
Side (105°)
Scanner design
Line scanner
Focus
Fixed focus
Light source
Visible red light (655 nm)
MTBF
40,000 h
Laser class
2 (EN 60825-1 (2008-05), IEC 60825-1 : 2007-03, Ed. 2.0)
Aperture angle
≤ 50°
Scanning frequency
400 Hz ... 1,000 Hz
Code resolution
0.35 mm ... 0.5 mm
Reading distance
25 mm ... 330 mm 1)
1) For details see reading field diagram.
Performance
Bar code types
All current code types, Code 39, Code 128, Code 93, Codabar, UPC / GTIN / EAN, Interleaved
2 of 5
Print ratio
2:1 ... 3:1
No. of codes per scan
1 ... 10 (Standard decoder)
1 ... 6 (SMART620)
No. of codes per reading interval
1 ... 50 (auto-discriminating)
No. of characters per reading interval
1,500
No. of multiple readings
1 ... 99
Interfaces
PROFINET
Function PROFINET Dual Port
2
IDENTIFICATION SOLUTIONS | SICK
Online data sheet | 2017-03-21 14:30:08
Subject to change without notice


Similar Part No. - 1068608

ManufacturerPart #DatasheetDescription
logo
Heyco.
10686 HEYCO-10686 Datasheet
123Kb / 1P
   Nylon PCB Supports - Threaded Male
logo
Molex Electronics Ltd.
1068680064 MOLEX-1068680064 Datasheet
40Kb / 1P
   Polymicro Cleaving Stone, 1 x 1 x 1/32 Overall Dimensions, One Piece Per Bag
02/18/2022
More results

Similar Description - 1068608

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com