Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR-4512 Datasheet(PDF) 2 Page - Total Power International

Part # DR-4512
Description  45W Single Output Industrial DIN Rail Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

DR-4512 Datasheet(HTML) 2 Page - Total Power International

  DR-4512 Datasheet HTML 1Page - Total Power International DR-4512 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
46.5
77
93
InstallDINrail TS35/7.5or TS35/15
46.5
TerminalPinNo. Assignment
PinNo.
PinNo.
2
1
6,7
3
4,5
8
9
Assignment
Assignment
FG
DCOUTPUT -V
AC/L
AC/N
DCOUTPUT+V
LED
+V ADJ.
1
7
4
2
3
5
6
8
9
PWM
CIRCUIT
DETECTION
EMI
FILTER
RECTIFIERS
&
FILTER
POWER
SWITCH-
FILTER
&
RECTIFIERS
+V
-V
ING
CONTROL
I/P
FG
-10
0
10
20
30
40
50
60 (VERTICAL)
20
40
60
80
100
Ta=25
200
80
8
70
12
16
20
24
140
100
120
180
160
28
32
260
240
220
50
100
150
200
250
300
350
BlockDiagram
StaticCharacteristics(24V)
AMBIENTTEMPERATURE(
)
INPUTVOLTAGE(V)60Hz
fosc:100KHz
MechanicalSpecification
DeratingCurve
CaseNo.918A
Unit:mm
45WSingleOutputIndustrialDINRailPowerSupply
D R - 4 5 series
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - DR-4512

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
DR-4512 MEANWELL-DR-4512 Datasheet
107Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
DR-4512 MEANWELL-DR-4512 Datasheet
272Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
More results

Similar Description - DR-4512

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
DR-45 TOTAL-POWER-DR-45 Datasheet
330Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
DR-45 MEANWELL-DR-45_11 Datasheet
272Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
DR-45 MEANWELL-DR-45 Datasheet
107Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-45 ALTECH-PS-45 Datasheet
129Kb / 1P
   45W Single Output Industrial DIN Rail Power Supply
PS45 ALTECH-PS45_1 Datasheet
98Kb / 2P
   45W Single Output Industrial DIN Rail Power Supply
logo
Total Power Internation...
WDR-480 TOTAL-POWER-WDR-480 Datasheet
381Kb / 3P
   480W Single Output Industrial DIN RAIL Power Supply
logo
Astrodyne Corporation
DRP-240 ASTRODYNE-DRP-240 Datasheet
322Kb / 2P
   240W Single Output Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
MDR-60 MEANWELL-MDR-60 Datasheet
255Kb / 2P
   60W Single Output Industrial DIN Rail Power Supply
logo
Altech corporation
PS-100 ALTECH-PS-100 Datasheet
513Kb / 2P
   100W Single Output Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
MDR-10 MEANWELL-MDR-10 Datasheet
234Kb / 2P
   10W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com