Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRT-960 Datasheet(PDF) 1 Page - Total Power International

Part # DRT-960
Description  960W Three Phase Industrial DIN RAIL Power Supply
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

DRT-960 Datasheet(HTML) 1 Page - Total Power International

  DRT-960 Datasheet HTML 1Page - Total Power International DRT-960 Datasheet HTML 2Page - Total Power International DRT-960 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPECIFICATION
DRT-960-24
MODEL
DCVOLTAGE
RATEDCURRENT
CURRENTRANGE
RATEDPOWER
OUTPUT
VOLTAGE ADJ.RANGE
LINEREGULATION
LOADREGULATION
SETUP,RISETIME
HOLDUP TIME (Typ.)
VOLTAGERANGE
FREQUENCY RANGE
EFFICIENCY (Typ.)
INPUT
INRUSHCURRENT(max.)
LEAKAGECURRENT
OVERTEMPERATURE
SAFETY STANDARDS
HARMONICCURRENT
EMSIMMUNITY
WORKINGTEMP.
WORKINGHUMIDITY
STORAGETEMP.,HUMIDITY
TEMP.COEFFICIENT
VIBRATION
MTBF
DIMENSION
OTHERS
PACKING
OVERLOAD
OVERVOLTAGE
ACCURRENT (Typ.)
24V
40A
0~40A
960W
80mVp-p
24~28V
1.0%
0.5%
0.5%
200ms,60ms/400VAC200ms,60ms/500VAC atfullload
14ms/400VAC30ms/500VAC atfullload
Three-Phase340~550VAC(DualphaseoperationpossibleinconnectingL1,L3,FG
)
Note.5
47~63Hz
91%
2A/400VAC1.6A/500VAC
COLDSTART 50A
<3.5mA /530VAC
105~125% ratedoutputpower
30~36V
Protectiontype:Shutdowno/pvoltage,re-powerontorecover
110
5
(TSW1)Detectonheatsinkofpowertransistor85
5
(TSW2)Detectonheatsinkofpowerdiode
Protectiontype:Shutdowno/pvoltage,recoversautomaticallyaftertemperaturegoesdown
UL508, UL60950-1, TUVEN60950-1 Approved
CompliancetoEN55011(CISPR11),EN55022(CISPR22),EN61204-3ClassB
Complianceto EN61000-3-2,-3
CompliancetoEN61000-4-2,3,4,5,6,8,11,ENV50204,EN61204-3,EN61000-6-2(EN50082-2)Heavyindustrylevel,criteria A
-20~+60
(Refertooutputloadderatingcurve)
20~90%RHnon-condensing
-40~+85
,10~95%RH
0.03%/
(0~50
Component:
CompliancetoIEC60068-2-6
10~500Hz,2G10min./1cycle,60min.eachalongX, Y,Zaxes;Mounting:
122.5Khrsmin.MIL-HDBK-217F(25
)
276*125.2*100mm(W*H*D)
3.3Kg;4pcs/14.2Kg/1.14CUFT
DRT-960-48
48V
20A
0~20A
960W
80mVp-p
48~55V
1.0%
0.5%
0.5%
59~66V
960W ThreePhaseIndustrialDINRAIL PowerSupply
Three-Phase AC 340 ~ 550V wide range input
High efficiency 91% and low dissipation
Protections: Short circuit / Overload / Over voltage / Over temperature
Optional parallel function(1+1)
Cooling by free air convection
Can be installed on DIN rail TS-35/7.5 or 15
UL 508(industrial control equipment)approved
EN61000-6-2(EN50082-2) industrial immunity level
100% full load burn-in test
3 years warranty
Features :
D R T- 9 6 0 series
ENVIRONMENT
SAFETY &
EMC
(Note4)
PROTECTION
WITHSTANDVOLTAGE
ISOLATIONRESISTANCE
I/P-O/P:3KVACI/P-FG:1.5KVACO/P-FG:0.5KVAC
I/P-O/P,I/P-FG,O/P-FG:100MOhms/500VDC
EMICONDUCTION&RADIATION
NOTE
1. All parameters NOT specially mentioned are measured at 400VAC input, rated load and 25
of ambient temperature.
2. Ripple & noise are measured at 20MHz of bandwidth by using a 12" twisted pair-wire terminated with a 0.1uf & 47uf parallel capacitor.
3. Tolerance : includes set up tolerance, line regulation and load regulation.
4. The power supply is considered a component which will be installed into a final equipment. The final equipment must be re-confirmed that it still meets
EMC directives.
5. Dual phase operation(connecting L1,L3,FG)is allowed under certain derating to output load. Please refer to the derating curves for details.
RIPPLE&NOISE(max.) Note.2
VOLTAGETOLERANCE Note.3
92%
R
Protectiontype: Constantcurrentlimiting,unitwillshutdowno/pvoltageafter3sec.,re-powerontorecover
Authorized Distributor: Total Power International, Inc. Toll Free: 877-646-0900(US) PH# (978) 453-7272 www.total-power.com


Similar Part No. - DRT-960

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-960 MEANWELL-DRT-960 Datasheet
291Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
MicroPower Direct, LLC
DRT-960 MPD-DRT-960 Datasheet
115Kb / 2P
   Low Cost, Three-Phase 960W, DIN Rail Mount AC/DC Power Supplies
logo
Mean Well Enterprises C...
DRT-960 MEANWELL-DRT-960 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
More results

Similar Description - DRT-960

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
DRT-960 ASTRODYNE-DRT-960 Datasheet
377Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Mean Well Enterprises C...
DRT-960 MEANWELL-DRT-960_11 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960_09 Datasheet
300Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
DRT-960 MEANWELL-DRT-960 Datasheet
291Kb / 3P
   960W Three Phase Industrial DIN RAIL Power Supply
logo
Altech corporation
PST-960 ALTECH-PST-960_1 Datasheet
134Kb / 2P
   960W Three Phase Industrial DIN Rail Power Supply
logo
Mean Well Enterprises C...
TDR-960 MEANWELL-TDR-960 Datasheet
302Kb / 3P
   960W Three Phase Industrial DIN RAIL with PFC Function
logo
Total Power Internation...
TDR-960 TOTAL-POWER-TDR-960 Datasheet
263Kb / 3P
   960W Three Phase Industrial DIN RAIL with PFC Function
logo
CUI INC
VDRT-960-48 CUI-VDRT-960-48 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
VDRT-960-24 CUI-VDRT-960-24 Datasheet
317Kb / 2P
   Three Phase Industrial DIN Rail Power Supply
logo
Total Power Internation...
DRT-240 TOTAL-POWER-DRT-240 Datasheet
392Kb / 2P
   240W Three Phase Industrial DIN RAIL Power Supply
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com