Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STEVAL-TLL008V1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STEVAL-TLL008V1
Description  Camera flash with SuperCap based on the STCF04
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TLL008V1 Datasheet(HTML) 1 Page - STMicroelectronics

  STEVAL-TLL008V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TLL008V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TLL008V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TLL008V1 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data brief
For further information contact your local STMicroelectronics sales office.
February 2012
Doc ID 022750 Rev 1
1/4
4
STEVAL-TLL008V1
Camera flash with SuperCap based on the STCF04
Features
Different operation modes:
– Shutdown mode, mainly used to decrease
the power consumption of the device
– Monitoring mode, used to monitor the
SuperCap voltage
– IDLE mode, which allows the accessing of
all the internal registers
– NTC feature, which can be used in all
modes. The NTC is activated automatically
in flash and Torch mode regardless of the
value of the NTC_ON bit. NTC must be
activated manually in all the other modes
– Torch mode, intended to be used for low
light intensities. The LED current in Torch
mode can be adjusted in a range from
15 mA up to 300 mA
– Flash mode, intended to be used for high
light intensities. The LED current in Flash
mode can be adjusted up to 10 A with the
input voltage ranging from 2.7 V up to 5.5 V
Status register and ATN pin
Ready pin
Light sensor (optional)
RoHS compliant
Description
The STEVAL-TLL008V1 demonstration board is a
flash LED driver using the STCF04 device, which
is a buck-boost converter with an I²C interface
dedicated to charging a SuperCap.
All LEDs with a forward voltage range from 2.5 V
to 5 V are compatible with the STCF04. The
forward voltage spread of any selected LED must,
however, be within this range (2.5 V to 5 V). It is
possible to set the level of the LED current in
Flash mode and Torch mode by setting the
dimming registers. The maximum level of the LED
current in Flash mode can be set by changing the
external flash resistor.
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STEVAL-TLL008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
   Camera flash with SuperCap??daughterboard based on the STCF04
June 2012 Rev 1
More results

Similar Description - STEVAL-TLL008V1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-TLL008V2 STMICROELECTRONICS-STEVAL-TLL008V2 Datasheet
262Kb / 4P
   Camera flash with SuperCap??daughterboard based on the STCF04
June 2012 Rev 1
logo
ams AG
AS3630 AMSCO-AS3630 Datasheet
763Kb / 72P
   8A Supercap Flash Driver
logo
STMicroelectronics
STEVAL-TLL003V1 STMICROELECTRONICS-STEVAL-TLL003V1 Datasheet
104Kb / 4P
   Power flash LED driver evaluation board based on the STCF02
STEVAL-CCA037V1 STMICROELECTRONICS-STEVAL-CCA037V1 Datasheet
244Kb / 4P
   Amplifier based on the TS4990IQT
AN2944 STMICROELECTRONICS-AN2944 Datasheet
522Kb / 12P
   Plethysmograph based on the TS507
logo
Texas Instruments
RM57L843 TI1-RM57L843 Datasheet
8Mb / 218P
[Old version datasheet]   Microcontroller Based on the ARM
logo
STMicroelectronics
STEVAL-ICB010V1 STMICROELECTRONICS-STEVAL-ICB010V1 Datasheet
242Kb / 4P
   AirNavigationPad based on the STM8T143, STM32F103
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
   Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
STMicroelectronics
STEVAL-TLL007V1 STMICROELECTRONICS-STEVAL-TLL007V1 Datasheet
91Kb / 4P
   High-power LED driver demonstration board for dual flash with I2C interface based on the STCF05
logo
NXP Semiconductors
IMX7ULPWSG NXP-IMX7ULPWSG Datasheet
7Mb / 12P
   Based on the i.MX 7ULP Applications Processor
2018
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com