Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC160A24 Datasheet(PDF) 2 Page - Total Power International

Part # GC160A24
Description  160W Single Output Battery Charger
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

GC160A24 Datasheet(HTML) 2 Page - Total Power International

  GC160A24 Datasheet HTML 1Page - Total Power International GC160A24 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Mechanical Specification
Derating Curve
Static Characteristics
Plug Assignment
Charging Curve
Case N o.GS16 0A
Unit:mm
TIME
V
100%
10%
Constant Voltage Area
Stage 2
Float Charging
I
(V,I)
Constant Current Area
Fast Charging
Stage 1
Red
Green
Colo r of L ED
AMBIENT TEMPERATURE (
)
-30
20
10
30
40
20
40
80
60
100
60
50
70
INPUT VOLTAGE (VAC) 60Hz
85
100
95
120
110
160
140
200
180
240
220
264
85
100
80
70
60
50
40
(HORIZONTAL)
50
230VAC
100VAC
POWE R L ED
POWE R L ED
1 75
1 75
3 5
3 5
U L 2 464 18AWG x4C 1200 50m m
±
SJTW 1 6A W Gx2 C 120 0 5 0mm
±
PIN NO.
1,4
2,3
DC output connector (standard)
DC output connector (optional)
R7B
(KYCON KPP-4S or equivalent)
[ housing: Anderson 1327FP(red), 1327G6FP(black)
contacts: Anderson 261G2 (45A) or equivalent ]
AD1
Red(+V)
Black(-V)
OUTPUT
+V
-V
2
3
1
4
(R7B)
(AD1)
AC FG
-V connected to AC FG
1
2
4
3
30 3mm
±
30 3mm
±
G C 1 6 0 series
160W Single Output Battery Charger
File Name:GC160-SPEC 2011-08-09


Similar Part No. - GC160A24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GC160A24 MEANWELL-GC160A24 Datasheet
142Kb / 2P
   160W Single Output Battery Charger
GC160A24-AD1 MEANWELL-GC160A24-AD1 Datasheet
250Kb / 2P
   160W Single Output Battery Charger
GC160A24-R7B MEANWELL-GC160A24-R7B Datasheet
250Kb / 2P
   160W Single Output Battery Charger
More results

Similar Description - GC160A24

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GC160 MEANWELL-GC160_11 Datasheet
250Kb / 2P
   160W Single Output Battery Charger
GC160 MEANWELL-GC160 Datasheet
142Kb / 2P
   160W Single Output Battery Charger
PSC-160 MEANWELL-PSC-160 Datasheet
695Kb / 4P
   160W Single Output with Battery Charger(UPS Function)
logo
Total Power Internation...
GC-120 TOTAL-POWER-GC-120 Datasheet
140Kb / 2P
   120W Single Output Battery Charger
GC-220 TOTAL-POWER-GC-220 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
logo
Mean Well Enterprises C...
PB-600 MEANWELL-PB-600 Datasheet
442Kb / 5P
   600W Single Output Battery Charger
PB-360 MEANWELL-PB-360 Datasheet
292Kb / 2P
   360W Single Output Battery Charger
GC220 MEANWELL-GC220_11 Datasheet
179Kb / 2P
   220W Single Output Battery Charger
GC120 MEANWELL-GC120_11 Datasheet
142Kb / 2P
   120W Single Output Battery Charger
PB-230 MEANWELL-PB-230 Datasheet
166Kb / 2P
   230W Single Output Battery Charger
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com