Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9040 Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # MT9040
Description  T1/E1 Synchronizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9040 Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button MT9040 Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9040 Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9040 Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9040 Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9040 Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9040 Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9040 Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9040 Datasheet HTML 11Page - Zarlink Semiconductor Inc MT9040 Datasheet HTML 12Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
MT9040
Data Sheet
8
Zarlink Semiconductor Inc.
Jitter Tolerance
Jitter tolerance is a measure of the ability of a PLL to operate properly (i.e., remain in lock and or regain lock in the
presence of large jitter magnitudes at various jitter frequencies) when jitter is applied to its reference. The applied
jitter magnitude and jitter frequency depends on the applicable standards.
Jitter Transfer
Jitter transfer or jitter attenuation refers to the magnitude of jitter at the output of a device for a given amount of jitter
at the input of the device. Input jitter is applied at various amplitudes and frequencies, and output jitter is measured
with various filters depending on the applicable standards.
For the MT9040, the jitter attenuation is determined by the 1.9Hz low pass loop filter.
The MT9040 has twelve outputs with three possible input frequencies (except for 19.44MHz, which is internally
divided to 8KHz) for a total of 36 possible jitter transfer functions. Since all outputs are derived from the same
signal, the jitter transfer values for the four cases, 8kHz to 8kHz, 1.544MHz to 1.544MHz and 2.048MHz to
2.048MHz can be applied to all outputs.
It should be noted that 1UI at 1.544MHz is 644ns, which is not equal to 1UI at 2.048MHz, which is 488ns.
Consequently, a transfer value using different input and output frequencies must be calculated in common units
(e.g., seconds) as shown in the following example.
What is the T1 and E1 output jitter when the T1 input jitter is 20UI (T1 UI Units) and the T1 to T1 jitter attenuation is
18dB?
Using the above method, the jitter attenuation can be calculated for all combinations of inputs and outputs based on
the three jitter transfer functions provided.
Note that the resulting jitter transfer functions for all combinations of inputs (8kHz, 1.544MHz, 2.048MHz) and
outputs (8kHz, 1.544MHz, 2.048MHz, 4.096MHz, 8.192MHz, 16.384MHz, 19.44MHz) for a given input signal (jitter
frequency and jitter amplitude) are the same.
Since intrinsic jitter is always present, jitter attenuation will appear to be lower for small input jitter signals than for
large ones. Consequently, accurate jitter transfer function measurements are usually made with large input jitter
signals (e.g., 75% of the specified maximum jitter tolerance).
Frequency Accuracy
Frequency accuracy is defined as the absolute tolerance of an output clock signal when it is not locked to an
external reference, but is operating in a free running mode. For the MT9040, the Freerun accuracy is equal to the
Master Clock (OSCi) accuracy.
OutputT1
InputT1
A
20
-------


×10
=
OutputT1
20
18
20
---------


×10
2.5UI T1
()
==
OutputE1
OutputT1
644ns
()
488ns
()
-------------------
3.3UI T1
()
=
×
=
OutputE1
OutputT1
1UIT1
()
1UIE1
()
----------------------
×
=


Similar Part No. - MT9040

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
MT90401AB ZARLINK-MT90401AB Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401AB1 ZARLINK-MT90401AB1 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
More results

Similar Description - MT9040

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
   T1/E1 Stratum 3 System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com