Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9040AN Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MT9040AN
Description  T1/E1 Synchronizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9040AN Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MT9040AN Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 11Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 12Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
MT9040
Data Sheet
9
Zarlink Semiconductor Inc.
Capture Range
Also referred to as pull-in range. This is the input frequency range over which the synchronizer must be able to pull
into synchronization. The MT9040 capture range is equal to
±230 ppm minus the accuracy of the master clock
(OSCi). For example, a 32 ppm master clock results in a capture range of 198 ppm.
Lock Range
This is the input frequency range over which the synchronizer must be able to maintain synchronization. The lock
range is equal to the capture range for the MT9040.
Phase Lock Time
This is the time it takes the synchronizer to phase lock to the input signal. Phase lock occurs when the input signal
and output signal are not changing in phase with respect to each other (not including jitter).
Lock time is very difficult to determine because it is affected by many factors which include:
initial input to output phase difference
initial input to output frequency difference
synchronizer loop filter
Although a short lock time is desirable, it is not always possible to achieve due to other synchronizer requirements.
For instance, better jitter transfer performance is achieved with a lower frequency loop filter which increases lock
time. See AC Electrical Characteristics - Performance for Maximum Phase Lock Time.
MT9040 provides a fast lock pin (FLOCK), which, when set high enables the PLL to lock to an incoming reference
within approximately 500 ms.
MT9040 and Network Specifications
The MT9040 fully meets all applicable PLL requirements (intrinsic jitter, jitter/wander tolerance, jitter/wander
transfer, frequency accuracy and capture range for the following specifications.
1. Bellcore GR-1244-CORE June 1995 for Stratum 4
2. AT&T TR62411(DS1) December 1990 for Stratum 4
3. ANSI T1.101 (DS1) February 1994 for Stratum 4
4. ETSI 300 011 (E1) April 1992
5. TBR 4 November 1995
6. TBR 12 December 1993
7. TBR 13 January 1996
8. ITU-T I.431 March 1993
Applications
This section contains MT9040 application specific details for clock and crystal operation, reset operation, power
supply decoupling, and control operation.
Master Clock
The MT9040 can use either a clock or crystal as the master timing source.


Similar Part No. - MT9040AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
MT90401AB ZARLINK-MT90401AB Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401AB1 ZARLINK-MT90401AB1 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
More results

Similar Description - MT9040AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
   T1/E1 Stratum 3 System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com