Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9040AN Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc

Part # MT9040AN
Description  T1/E1 Synchronizer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9040AN Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc

  MT9040AN Datasheet HTML 1Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 2Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 3Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 4Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9040AN Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
MT9040
Data Sheet
2
Zarlink Semiconductor Inc.
Figure 2 - Pin Connections
Pin Description
Pin #
Name
Description
1,10,
23,31
VSS
Ground. 0 Volts. (Vss pads).
2
RST
Reset (Input). A logic low at this input resets the MT9040. To ensure proper operation, the
device must be reset after reference signal frequency changes and power-up. The RST pin
should be held low for a minimum of 300ns. While the RST pin is low, all frame pulses except
RST and TSP and all clock outputs except C6o, C16o and C19o are at logic high. The RST,
TSP, C6o and C16o are at logic low during reset. The C19o is free-running during reset.
Following a reset, the input reference source and output clocks and frame pulses are phase
aligned as shown in Figure 9.
3,4,5,
38,43
IC
Internal Connection. Leave open circuit.
6REF
Reference (Input). This is the input reference source (falling edge) used for synchronization.
One of four possible frequencies (8kHz, 1.544MHz, 2.048MHz or 19.44MHz) may be used.
7,17
28,35
VDD
Positive Supply Voltage. +3.3VDC nominal.
8OSCo
Oscillator Master Clock (CMOS Output). For crystal operation, a 20MHz crystal is
connected from this pin to OSCi, see Figure 6. Not suitable for driving other devices. For clock
oscillator operation, this pin is left unconnected, see Figure 5.
9OSCi
Oscillator Master Clock (CMOS Input). For crystal operation, a 20MHz crystal is connected
from this pin to OSCo, see Figure 6. For clock oscillator operation, this pin is connected to a
clock source, see Figure 5.
11
F16o
Frame Pulse ST-BUS 8.192 Mb/s (CMOS Output). This is an 8kHz 61ns active low framing
pulse, which marks the beginning of an ST-BUS frame. This is typically used for ST-BUS
operation at 8.192 Mb/s. See Figure 11.
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
1
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
TRST
TDI
TDO
IC
IC
FS1
FS2
IC
IC
IC
MS
Vdd
IC
IC
NC
Vss
IC
IM
Vdd
RST
IC
IC
REF
Vdd
OSCo
OSCi
Vss
F16o
TSP
F8o
C1.5o
C2o
C4o
C19o
48
TMS
VSS
21
27
C6o
FLOCK
22
26
Vss
23
25
C8o
IC
24
C16o
MT9040AN
TCK
RSP
F0o
IC
Vdd
LOCK


Similar Part No. - MT9040AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
MT90401AB ZARLINK-MT90401AB Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401AB1 ZARLINK-MT90401AB1 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
More results

Similar Description - MT9040AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9043 ZARLINK-MT9043 Datasheet
453Kb / 29P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
   T1/E1 Stratum 3 System Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com