Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAU111 Datasheet(PDF) 1 Page - Total Power International

Part # MAU111
Description  SIP Package with Industry Standard Pinout
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MAU111 Datasheet(HTML) 1 Page - Total Power International

  MAU111 Datasheet HTML 1Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
SIP Package with Industry Standard Pinout
Package Dimension:
19.5 x 10.2 x 6.1 mm (0.77”x 0.4”x 0.24”) 5V&12V Models
19.5 x 10.2 x 7.1 mm (0.77”x 0.4”x 0.28”) 15V&24V Models
Single and Dual Output Models
I/O-Isolation 1000 VDC
Operating Temp. Range -40°C to +85°C
3 Years Product Warranty
PRODUCT OVERVIEW
The MAU100 series is a range of 1W DC/DC converters in a small SIP Package featuring I/O-isolation of 1000VDC.
An excellent efficiency allows an operating temperature range of –40°C to +85°C.
These converters offer an economical solution for many applications where a voltage has to be isolated i.e for noise reduction, ground loop elimination,
digital interfaces or for board level power distribution.
Model Selection Guide
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Load
Regulation
Max. capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
µF
%
MAU101
3.3
260
5
235
10
73
MAU102
5
200
4
281
10
71
MAU103
9
110
2
260
8
76
MAU104
12
84
1.5
258
7
78
MAU105
15
67
1
258
7
220
78
MAU106
±5
±100
±2
278
10
72
MAU107
±9
±56
±1
262
8
77
MAU108
±12
±42
±0.8
258
7
78
MAU109
5
(4.5 ~ 5.5)
±15
±34
±0.7
258
30
7
100#
79
MAU111
3.3
260
5
96
8
74
MAU112
5
200
4
114
8
73
MAU113
9
110
2
106
5
78
MAU114
12
84
1.5
105
5
80
MAU115
15
67
1
104
5
220
80
MAU116
±5
±100
±2
113
8
74
MAU117
±9
±56
±1
106
5
79
MAU118
±12
±42
±0.8
104
5
81
MAU119
12
(10.8 ~ 13.2)
±15
±34
±0.7
105
12
5
100#
81
MAU151
5
200
4
93
8
72
MAU152
12
84
1.5
85
5
79
MAU153
15
67
1
85
5
220
79
MAU154
±5
±100
±2
93
8
72
MAU155
±12
±42
±0.8
85
5
80
MAU156
15
(13.5 ~ 16.5)
±15
±34
±0.7
85
11
5
100#
80
MAU121
3.3
260
5
49
8
73
MAU122
5
200
4
59
8
71
MAU123
9
110
2
54
5
76
MAU124
12
84
1.5
54
5
78
MAU125
15
67
1
53
5
220
79
MAU126
±5
±100
±2
58
8
72
MAU127
±9
±56
±1
55
5
76
MAU128
±12
±42
±0.8
53
5
79
MAU129
24
(21.6 ~ 26.4)
±15
±34
±0.7
53
7
5
100#
80
# For each output
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com


Similar Part No. - MAU111

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAU111 ETC-MAU111 Datasheet
69Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters (Single and Dual Outputs)
logo
Total Power Internation...
MAU111 TOTAL-POWER-MAU111 Datasheet
309Kb / 6P
   1 Watt Ultra Miniature SIP DC/DC Converters Single and Dual Outputs
logo
Minmax Technology Co., ...
MAU111 MINMAX-MAU111 Datasheet
217Kb / 6P
   1W, Miniature SIP, Single & Dual Output DC/DC Converters
MAU111 MINMAX-MAU111 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
More results

Similar Description - MAU111

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MAU200 TOTAL-POWER-MAU200_17 Datasheet
462Kb / 4P
   SIP Package with Industry Standard Pinout
MAU300 TOTAL-POWER-MAU300_17 Datasheet
472Kb / 4P
   SIP Package with Industry Standard Pinout
MBU100 TOTAL-POWER-MBU100_17 Datasheet
479Kb / 4P
   Miniature SIP-Package with Industry Standard Pinout
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MAU200 MINMAX-MAU200_13 Datasheet
527Kb / 4P
   DC/DC CONVERTER 1W SIP Package with Industry Standard Pinout
MAU100 MINMAX-MAU100_13 Datasheet
529Kb / 4P
   DC/DC CONVERTER 1W SIP-Package with Industry Standard Pinout
MBU100 MINMAX-MBU100_13 Datasheet
516Kb / 4P
   DC/DC CONVERTER 1W Miniature SIP-Package with Industry Standard Pinout
logo
Total Power Internation...
MSAU100 TOTAL-POWER-MSAU100_17 Datasheet
454Kb / 4P
   SMD Package with Industry Standard Pinout
MSAU400 TOTAL-POWER-MSAU400 Datasheet
407Kb / 4P
   SMD Package with Industry Standard Pinout
MSLU100 TOTAL-POWER-MSLU100 Datasheet
419Kb / 5P
   SMD Package with Industry Standard Pinout
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com