Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RC2010DR-7N9K76P Datasheet(PDF) 8 Page - YAGEO Corporation

Part # RC2010DR-7N9K76P
Description  LEAD FREE CHIP RESISTORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

RC2010DR-7N9K76P Datasheet(HTML) 8 Page - YAGEO Corporation

  RC2010DR-7N9K76P Datasheet HTML 1Page - YAGEO Corporation RC2010DR-7N9K76P Datasheet HTML 2Page - YAGEO Corporation RC2010DR-7N9K76P Datasheet HTML 3Page - YAGEO Corporation RC2010DR-7N9K76P Datasheet HTML 4Page - YAGEO Corporation RC2010DR-7N9K76P Datasheet HTML 5Page - YAGEO Corporation RC2010DR-7N9K76P Datasheet HTML 6Page - YAGEO Corporation RC2010DR-7N9K76P Datasheet HTML 7Page - YAGEO Corporation RC2010DR-7N9K76P Datasheet HTML 8Page - YAGEO Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Chip Resistor Surface Mount
www.yageo.com
Aug. 22, 2014 V.0
Product specification
8
8
SERIES
RC_P
0100 to 2512
“ Yageo reserves all the rights for revising the content of this datasheet without further notification, as long as the products itself are unchanged. Any
product change will be announced by PCN.”
REVISION HISTORY
TYPE
POWER
TOLERANCE
RESISTANCE RANGE
TEMPERATURE COEFFICIENT
OF RESISTANCE
PF
0603 1/10W, 1/5W, 3/10W, 2/5W, 1/2W
± 1%
± 2%
± 5%
5 mΩ≦ R < 100 mΩ
±75 ppm/°C
0805
1/8W, 1/4W, 1/3W, 1/2W
4 mΩ ≦ R < 100 mΩ
1206
1/4W, 1/2W
3 mΩ ≦ R < 100 mΩ
2010
1/2W, 1W
The resistors are constructed
using outstanding TCR level
material, which makes Yageo PF
resistors excellent for current
sensing application in battery
charger circuit & DC-DC
converter.
The composition of the resistive
material is adjusted to give the
approximate required resistance
and is covered with a protective
coating, which printed with the
resistance value.
Finally, the three external
terminations (Ni / matte Tin) are
added, as shown in Fig. 4.
5 mΩ ≦ R < 100 mΩ
2512
1W, 2W
1 mΩ ≦ R < 100 mΩ
3W
1 mΩ ≦ R ≦ 50 mΩ
4527
2W, 3W, 5W
6 mΩ ≦ R < 1Ω
NOTE: 1. PLEASE CONTACT WITH SALES OFFICES, DISTRIBUTORS AND REPRESENTATIVES IN YOUR REGION BEFORE ORDERING
REVISION
DATE
CHANGE NOTIFICATION
DESCRIPTION
Version 0
Aug. 22, 2014
-
- First issue of this specification


Similar Part No. - RC2010DR-7N9K76P

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
RC2010DR-7N9K76L YAGEO-RC2010DR-7N9K76L Datasheet
1,007Kb / 10P
   GENERAL PURPOSE CHIP RESISTORS
More results

Similar Description - RC2010DR-7N9K76P

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WR10 WALSIN-WR10 Datasheet
229Kb / 8P
   General purpose chip resistors RoHS exemption free lead free
logo
Vishay Siliconix
CRCW02012K20JNED VISHAY-CRCW02012K20JNED Datasheet
110Kb / 6P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206-37 VISHAY-CRCW1206-37 Datasheet
111Kb / 5P
   Lead (Pb)-Free Thick Film, Rectangular Chip Resistors
CRCW12066K98FKEA VISHAY-CRCW12066K98FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
logo
Vaishali Semiconductor
CRCW06039K09FKEA VAISH-CRCW06039K09FKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
logo
Vishay Siliconix
CRCW0402261RFKED VISHAY-CRCW0402261RFKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW1206221KFKEA VISHAY-CRCW1206221KFKEA Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW02011K50FNED VISHAY-CRCW02011K50FNED Datasheet
90Kb / 5P
   Lead (Pb)-free Commodity Thick Film Chip Resistors
Revision: 06-Jun-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com