Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0459110013 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 0459110013
Description  EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3 Segments Thick PC Board
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX1 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX1 - Molex Electronics Ltd.

0459110013 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  0459110013_17 Datasheet HTML 1Page - Molex Electronics Ltd. 0459110013_17 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Cycles at Max. Process Temperature
001
Process Temperature max. C
245
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-45714-001
Sales Drawing
SD-45911-001, SD-45911-002
This document was generated on 05/01/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0459110013_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459110013 MOLEX6-0459110013 Datasheet
343Kb / 6P
   12.90mm (.508") Pitch EXTreme PowerEdge?
More results

Similar Description - 0459110013_17

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0459110014 MOLEX1-0459110014_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 3 Segments Thick PC Board
0459110044 MOLEX1-0459110044_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments Thick PC Board
0459110041 MOLEX1-0459110041_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments Thick PC Board
0459110043 MOLEX1-0459110043_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments Thick PC Board
0459110004 MOLEX1-0459110004_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 2 Segments Thick PC Board
0459110027 MOLEX1-0459110027_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments or 3.18mm Thick PC Board
0459110028 MOLEX1-0459110028_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments or 3.18mm Thick PC Board
0459110026 MOLEX1-0459110026_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments or 3.18mm Thick PC Board
0459110035 MOLEX1-0459110035_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments or 3.18mm Thick PC Board
0459110036 MOLEX1-0459110036_17 Datasheet
48Kb / 2P
   EXTreme PowerEdge, Mixed Power/Signal Card Edge Connector, Double Sided, 4 Segments or 3.18mm Thick PC Board
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com