Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCMT1100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # TCMT1100
Description  Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT1100 Datasheet(HTML) 6 Page - Vishay Siliconix

  TCMT1100 Datasheet HTML 1Page - Vishay Siliconix TCMT1100 Datasheet HTML 2Page - Vishay Siliconix TCMT1100 Datasheet HTML 3Page - Vishay Siliconix TCMT1100 Datasheet HTML 4Page - Vishay Siliconix TCMT1100 Datasheet HTML 5Page - Vishay Siliconix TCMT1100 Datasheet HTML 6Page - Vishay Siliconix TCMT1100 Datasheet HTML 7Page - Vishay Siliconix TCMT1100 Datasheet HTML 8Page - Vishay Siliconix TCMT1100 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TCMT110. Series
www.vishay.com
Vishay Semiconductors
Rev. 3.0, 10-Mar-16
6
Document Number: 83510
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 12 - Normalized CTR (non-saturated) vs. Forward Current
Fig. 13 - Normalized CTR (saturated) vs. Forward Current
Fig. 14 - FCTR vs. Phase Angle
Fig. 15 - FCTR vs. Collector Current
Fig. 16 - Switching Time vs. Load Resistance
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
0.1
1
10
100
I
F - Forward Current (mA)
T
amb = 0 °C
T
amb = 100 °C
T
amb = 75 °C
T
amb = -55 °C
T
amb = 25 °C
Normalized to:
I
F = 5 mA, VCE = 5 V,
T
amb = 25 °C
0
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
I
F - Forward Current (mA)
V
CE = 0.4 V
Normalized to:
I
F = 5 mA,
V
CE = 5 V,
T
amb = 25 °C
T
amb = 0 °C
T= 75 °C
T
amb = -55 °C
-
T
amb = 25 °C
T
amb = 100 °C
amb
-160
-140
-120
-100
-80
-60
-40
-20
0
1
10
100
1000
f - Frequency (kHz)
V
CE = 5 V
R
L = 100 Ω
R
L = 1000 Ω
1
10
100
1000
0.1
1
10
100
I
C (mA)
V
CC = 5 V
0.1
1
10
100
1000
0
5
10
15
20
R
L - Load Resistance (kΩ)
t
off (μs)
t
on (μs)
V
CE = 5 V, IC = 2 mA


Similar Part No. - TCMT1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1100 VISHAY-TCMT1100 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCMT1100 VISHAY-TCMT1100 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
logo
ISOCOM COMPONENTS
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
More results

Similar Description - TCMT1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.7, 10-Mar-16
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
TCMT111X VISHAY-TCMT111X Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.1, 19-Jan-16
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2023
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
TCMT1600 VISHAY-TCMT1600 Datasheet
394Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.5, 02-Feb-05
TCMT1600 VISHAY-TCMT1600_V02 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01
TCMT1600 VISHAY-TCMT1600_V01 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
VOS617A VISHAY-VOS617A_V02 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com