Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCMT1105 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TCMT1105
Description  Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT1105 Datasheet(HTML) 1 Page - Vishay Siliconix

  TCMT1105 Datasheet HTML 1Page - Vishay Siliconix TCMT1105 Datasheet HTML 2Page - Vishay Siliconix TCMT1105 Datasheet HTML 3Page - Vishay Siliconix TCMT1105 Datasheet HTML 4Page - Vishay Siliconix TCMT1105 Datasheet HTML 5Page - Vishay Siliconix TCMT1105 Datasheet HTML 6Page - Vishay Siliconix TCMT1105 Datasheet HTML 7Page - Vishay Siliconix TCMT1105 Datasheet HTML 8Page - Vishay Siliconix TCMT1105 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TCMT110. Series
www.vishay.com
Vishay Semiconductors
Rev. 3.0, 10-Mar-16
1
Document Number: 83510
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Optocoupler, Phototransistor Output, Single Channel,
Half Pitch Mini-Flat Package
DESCRIPTION
The TCMT110. series consist of a phototransistor optically
coupled to a gallium arsenide infrared-emitting diode in a
4 pin package.
The elements are mounted on one leadframe providing a
fixed distance between input and output for highest safety
requirements.
FEATURES
• Low profile package (half pitch)
• AC isolation test voltage 3750 VRMS
• Low coupling capacitance of typical 0.3 pF
• Current transfer ratio (CTR) selected into groups
• Low temperature coefficient of CTR
• Wide ambient temperature range
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Programmable logic controllers
•Modems
• Answering machines
• General applications
AGENCY APPROVALS
• UL1577, file no. E76222, double protection
• cUL component acceptance service no. 5A, double
protection
• DIN EN 60747-5-5 (VDE 0884-5)
• FIMKO: FI EN 60950-1:2006
• BSI: BS EN60065:2002
BS EN60950-1:2006
• CQC GB 8898-2011, GB 4943.1-2011 (suitable for
installation altitude below 2000 m)
Note
• Available only on tape and reel.
AC
12
CE
43
22628-1
ORDERING INFORMATION
T
C
M
T
1
10#
PART NUMBER
AGENCY CERTIFIED/
PACKAGE
CTR (%)
5 mA
10 mA
5 mA
UL, cUL, FIMKO,
BSI, VDE
50 to 600
40 to 80
63 to 125 100 to 200 160 to 320 50 to 150 100 to 300 80 to 160 130 to 260 200 to 400
SSOP-4
TCMT1100 TCMT1101 TCMT1102 TCMT1103 TCMT1104 TCMT1105 TCMT1106 TCMT1107 TCMT1108 TCMT1109
SSOP-4
7.21 mm


Similar Part No. - TCMT1105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT1105 VISHAY-TCMT1105 Datasheet
462Kb / 12P
   Optocoupler with Phototransistor Output
Rev. A2, 15-Dec-00
TCMT1105 VISHAY-TCMT1105 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
More results

Similar Description - TCMT1105

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT111 VISHAY-TCMT111 Datasheet
158Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.7, 10-Mar-16
TCMT4106 VISHAY-TCMT4106 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
TCMT111X VISHAY-TCMT111X Datasheet
141Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 1.6, 23-May-13
TCMT4100 VISHAY-TCMT4100 Datasheet
339Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.1, 19-Jan-16
TCMT4100 VISHAY-TCMT4100_V02 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2023
TCMT4106 VISHAY-TCMT4106_V01 Datasheet
336Kb / 9P
   Optocoupler, Phototransistor Output, Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
TCMT1600 VISHAY-TCMT1600 Datasheet
394Kb / 8P
   Optocoupler, Phototransistor Output, AC Input, Single/Quad Channel, Half Pitch Mini-Flat Package
Rev. 1.5, 02-Feb-05
TCMT1600 VISHAY-TCMT1600_V02 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01
TCMT1600 VISHAY-TCMT1600_V01 Datasheet
402Kb / 10P
   Optocoupler, Phototransistor Output, AC Input, Single / Quad Channel, Half Pitch Mini-Flat Package
01-Jan-2022
VOS617A VISHAY-VOS617A_V02 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, SSOP-4, Half Pitch, Mini-Flat Package
01-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com