Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRS07B017xyE Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VDRS07B017xyE
Description  VDR Metal Oxide Varistors Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS07B017xyE Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VDRS07B017xyE Datasheet HTML 5Page - Vishay Siliconix VDRS07B017xyE Datasheet HTML 6Page - Vishay Siliconix VDRS07B017xyE Datasheet HTML 7Page - Vishay Siliconix VDRS07B017xyE Datasheet HTML 8Page - Vishay Siliconix VDRS07B017xyE Datasheet HTML 9Page - Vishay Siliconix VDRS07B017xyE Datasheet HTML 10Page - Vishay Siliconix VDRS07B017xyE Datasheet HTML 11Page - Vishay Siliconix VDRS07B017xyE Datasheet HTML 12Page - Vishay Siliconix VDRS07B017xyE Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
9
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPED VERSION WITH KINKED LEADS
(only for VDRS05 and VDRS07)
TAPED VERSION WITH FLANGED LEADS
(only for VDRS05 and VDRS07)
TAPED VERSION WITH KINKED LEADS
(only for VDRS10 and VDRS14)
Notes
(1) Guaranteed between component and tape
(2) For VDRS14T510xSE and VDRS14T550xSE: H = 20 mm ± 1 mm
T
1
t
T
Δh
Δh
A
0
P
0
P
1
D
0
L
W
0
W
2
W
1
H
0
W
F
d
D
P
Δp
Δp
L
P
0
P
1
D
0
W
0
W
2
W
1
T
1
t
H
0
F
d
D
P
Δp
Δp
T
Δh
Δh
A
0
W
TAPING DATA (based on IEC 60286-2)
SYMBOL
PARAMETER
DIMENSIONS/TOLERANCE
VDRS05 VDRS07 VDRS10 VDRS14
A max.
Max.
mounting
height
V
 300 V
9.0
11.0
14.5
19.0
V > 300 V
15.0
A0 max.
Max.
mounting
height
V
 320 V
11.0
13.0
16.5
21.0
V > 320 V
17.0
21.5
D max.
Max.
body
diameter
V
 320 V
7.0
9.0
12.0
16.0
V > 320 V
12.5
16.5
d
Lead wire
diameter
0.6 ± 0.05
0.8 ± 0.05
F
Lead to lead
distance (1)
5.0 + 0.8/- 0.2
7.5 ± 0.8
H
Distance
component
to tape
center (2)
20.0 + 2.0/- 0.0
18.0 + 2.0/- 0.0
H0
Lead wire
clinch height
16.0 or 18.25 ± 0.5
P
Pitch of
components
on tape
12.7 ± 1.0
25.4 ± 1.0
T
Total
thickness
See Electrical Data table
T
Δh
Δh
A
0
T
1
t
P
0
P
1
D
0
F
W
0
W
2
W
1
H
0
W
d
D
P
Δp
Δp


Similar Part No. - VDRS07B017xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS07B017XYE VISHAY-VDRS07B017XYE Datasheet
687Kb / 19P
   a disc of low-ß ceramic material with two tinned solid copper leads
Revision: 09-Oct-08
VDRS07B017XYE VISHAY-VDRS07B017XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS07B017xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com