Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM3715 Datasheet(PDF) 2 Page - Texas Instruments

Part # AM3715
Description  Sitara ARM Microprocessors
Download  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM3715 Datasheet(HTML) 2 Page - Texas Instruments

  AM3715_17 Datasheet HTML 1Page - Texas Instruments AM3715_17 Datasheet HTML 2Page - Texas Instruments AM3715_17 Datasheet HTML 3Page - Texas Instruments AM3715_17 Datasheet HTML 4Page - Texas Instruments AM3715_17 Datasheet HTML 5Page - Texas Instruments AM3715_17 Datasheet HTML 6Page - Texas Instruments AM3715_17 Datasheet HTML 7Page - Texas Instruments AM3715_17 Datasheet HTML 8Page - Texas Instruments AM3715_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 280 page
background image
AM3715, AM3703
SPRS616F
– JUNE 2010 – REVISED AUGUST 2011
www.ti.com
[CIR] Modes)
Support for Non-Invasive Debug
Three Master/Slave High-Speed
– ARM Cortex-A8 Memory Architecture:
Inter-Integrated Circuit (I2C) Controllers
32K-Byte Instruction Cache (4-Way
– Camera Image Signal Processing (ISP)
Set-Associative)
CCD and CMOS Imager Interface
32K-Byte Data Cache (4-Way
Set-Associative)
Memory Data Input
256K-Byte L2 Cache
BT.601/BT.656 Digital YCbCr 4:2:2
(8-/10-Bit) Interface
– 32K-Byte ROM
Glueless Interface to Common Video
– 64K-Byte Shared SRAM
Decoders
– Endianess:
Resize Engine
ARM Instructions - Little Endian
– Resize Images From 1/4x to 4x
ARM Data
– Configurable
– Separate Horizontal/Vertical Control
• Removable Media Interfaces:
– System Direct Memory Access (SDMA)
– Three Multimedia Card (MMC)/ Secure Digital
Controller (32 Logical Channels With
(SD) With Secure Data I/O (SDIO)
Configurable Priority)
• Test Interfaces
– Comprehensive Power, Reset, and Clock
– IEEE-1149.1 (JTAG) Boundary-Scan
Management
Compatible
SmartReflexTM Technology
– Embedded Trace Macro Interface (ETM)
Dynamic Voltage and Frequency Scaling
– Serial Data Transport Interface (SDTI)
(DVFS)
• 12 32-bit General Purpose Timers
– Sitara™ ARM® Cortex™-A8 Core
• 2 32-bit Watchdog Timers
ARMv7 Architecture
• 1 32-bit Secure Watchdog Timer
– TrustZone®
• 1 32-bit 32-kHz Sync Timer
– Thumb®-2
• Up to 188 General-Purpose I/O (GPIO) Pins
– MMU Enhancements
(Multiplexed With Other Device Functions)
In-Order, Dual-Issue, Superscalar
• 45-nm CMOS Technology
Microprocessor Core
• Package-On-Package (POP) Implementation for
NEON Multimedia Architecture
Memory Stacking (Not Available in CUS
Over 2x Performance of ARMv6 SIMD
Package)
Supports Both Integer and Floating Point
• Packages:
SIMD
– 515-pin s-PBGA package (CBP Suffix), .5mm
Jazelle® RCT Execution Environment
Ball Pitch (Top), .4mm Ball Pitch (Bottom)
Architecture
– 515-pin s-PBGA package (CBC
Dynamic Branch Prediction with Branch
Suffix), .65mm Ball Pitch (Top), .5mm Ball
Target Address Cache, Global History
Pitch (Bottom)
Buffer, and 8-Entry Return Stack
– 423-pin s-PBGA package (CUS
Embedded Trace Macrocell (ETM)
Suffix), .65mm Ball Pitch
2
AM3715, AM3703 Sitara ARM Microprocessors
Copyright
© 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3715 AM3703


Similar Part No. - AM3715_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3715CBC TI-AM3715CBC Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBC100 TI-AM3715CBC100 Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBCD100 TI-AM3715CBCD100 Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBP100 TI-AM3715CBP100 Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
More results

Similar Description - AM3715_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3894 TI1-AM3894_15 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
AM3715CBP TI-AM3715CBP Datasheet
2Mb / 280P
[Old version datasheet]   Sitara ARM Microprocessors
AM3703 TI1-AM3703 Datasheet
3Mb / 280P
[Old version datasheet]   AM3715, AM3703 Sitara ARM Microprocessors
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3517 TI1-AM3517_12 Datasheet
1Mb / 222P
[Old version datasheet]   ARM Microprocessors
AM3517 TI1-AM3517_14 Datasheet
1Mb / 223P
[Old version datasheet]   ARM Microprocessors
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com