Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

66AK2H12BAAW2 Datasheet(PDF) 1 Page - Texas Instruments

Part # 66AK2H12BAAW2
Description  Multicore DSPARM KeyStone II System-on-Chip (SoC)
Download  355 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

66AK2H12BAAW2 Datasheet(HTML) 1 Page - Texas Instruments

  66AK2H12BAAW2 Datasheet HTML 1Page - Texas Instruments 66AK2H12BAAW2 Datasheet HTML 2Page - Texas Instruments 66AK2H12BAAW2 Datasheet HTML 3Page - Texas Instruments 66AK2H12BAAW2 Datasheet HTML 4Page - Texas Instruments 66AK2H12BAAW2 Datasheet HTML 5Page - Texas Instruments 66AK2H12BAAW2 Datasheet HTML 6Page - Texas Instruments 66AK2H12BAAW2 Datasheet HTML 7Page - Texas Instruments 66AK2H12BAAW2 Datasheet HTML 8Page - Texas Instruments 66AK2H12BAAW2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 355 page
background image
Multicore DSP+ARM KeyStone II System-on-Chip (SoC)
66AK2H14/12/06
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and
other important disclaimers. PRODUCTION DATA.
Check for Evaluation Modules (EVM): EVMK2H
SPRS866E—November 2012—Revised November 2013
1 66AK2H14/12/06 Features and Description
1.1 Features
• Eight (66AK2H14/12) or Four (66AK2H06) TMS320C66x™
DSP Core Subsystems (C66x CorePacs), Each With
– Up to 1.2 GHz C66x Fixed/Floating-Point DSP Cores
› 38.4 GMacs/Core for Fixed Point @ 1.2 GHz
› 19.2 GFlops/Core for Floating Point @ 1.2 GHz
–Memory
› 32K Byte L1P Per CorePac
› 32K Byte L1D Per CorePac
› 1024K Byte Local L2 Per CorePac
• ARM® Cortex™-A15 MPCore™ Processors Containing
Four (66AK2H14/12) or Two (66AK2H06) ARM
Cortex-A15 Cores
– Up to 1.4-GHz Cortex-A15 Processor Core Speed
– 4MB L2 Cache Memory Shared by All ARM CorePacs
– Full Implementation of ARMv7-A Architecture
Instruction Set
– 32KB L1 Instruction Cache and Data Cache per
Cortex-A15 Processor Core
– AMBA 4.0 AXI Coherency Extension (ACE) Master Port,
Connected to MSMC for Low Latency Access to
Shared MSMC SRAM
• Multicore Shared Memory Controller (MSMC)
– 6 MB MSM SRAM Memory Shared by DSP CorePacs
and ARM CorePac
– Memory Protection Unit for Both MSM SRAM and
DDR3_EMIF
• Multicore Navigator
– 16k Multi-Purpose Hardware Queues with Queue
Manager
– Packet-Based DMA for Zero-Overhead Transfers
• Network Coprocessor
– Packet Accelerator Enables Support for
› Transport Plane IPsec, GTP-U, SCTP, PDCP
› L2 User Plane PDCP (RoHC, Air Ciphering)
› 1 Gbps Wire Speed Throughput at 1.5 MPackets Per
Second
– Security Accelerator Engine Enables Support for
› IPSec, SRTP, 3GPP and WiMAX Air Interface, and
SSL/TLS Security
› ECB, CBC, CTR, F8, A5/3, CCM, GCM, HMAC, CMAC,
GMAC, AES, DES, 3DES, Kasumi, SNOW 3G, SHA-1,
SHA-2 (256-bit Hash), MD5
› Up To 2.4 Gbps IPSec and 2.4 Gbps Air Ciphering
– Ethernet Subsystem
› Five-Port Switch (four SGMII ports)
•Peripherals
– Four Lanes of SRIO 2.1
›Supports Up To 5 GBaud
› Supports Direct I/O, Message Passing
– Two Lanes PCIe Gen2
›Supports Up To 5 GBaud
–TwoHyperLink
› Supports Connections to Other KeyStone
Architecture Devices Providing Resource
Scalability
›Supports Up To 50 GBaud
– 10-Gigabit Ethernet (10-GbE) Switch Subsystem
(66AK2H14 only)
›Two XFI Ports
› IEEE1588 Support
– Five Enhanced Direct Memory Access (EDMA)
Modules
– Two 72-Bit DDR3 Interfaces with Speeds Up To 1600
MHz
–EMIF16 Interface
–USB 3.0
–Two UART Interfaces
–Three I
2C Interfaces
–32 GPIO Pins
– Three SPI Interfaces
– Semaphore Module
– 64-Bit Timers
› Twenty 64-Bit Timers for 66AK2H14/12
› Fourteen 64-Bit Timers for 66AK206
– Five On-Chip PLLs
• Commercial Case Temperature:
– 0°C to 85°C
• Extended Case Temperature:
– - 40°C to 100°C


Similar Part No. - 66AK2H12BAAW2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2H12BAAW2 TI1-66AK2H12BAAW2 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H12BAAW24 TI1-66AK2H12BAAW24 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results

Similar Description - 66AK2H12BAAW2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
66AK2G12_1806 TI1-66AK2G12_1806 Datasheet
2Mb / 233P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14 Datasheet
8Mb / 351P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_18 Datasheet
2Mb / 329P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2H14 TI1-66AK2H14_16 Datasheet
8Mb / 354P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_18 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G02 TI1-66AK2G02_16 Datasheet
2Mb / 230P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12_19 Datasheet
2Mb / 232P
[Old version datasheet]   Multicore DSPArm KeyStone II System-on-Chip (SoC)
TCI6636K2H TI1-TCI6636K2H Datasheet
7Mb / 362P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2G12 TI1-66AK2G12 Datasheet
2Mb / 231P
[Old version datasheet]   Multicore DSPARM KeyStone II System-on-Chip (SoC)
66AK2E05 TI1-66AK2E05_16 Datasheet
1Mb / 282P
[Old version datasheet]   66AK2E0x Multicore DSPARM KeyStone II System-on-Chip (SoC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com