Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5166 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5166
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166 Datasheet(HTML) 5 Page - Texas Instruments

  LM5166_17 Datasheet HTML 1Page - Texas Instruments LM5166_17 Datasheet HTML 2Page - Texas Instruments LM5166_17 Datasheet HTML 3Page - Texas Instruments LM5166_17 Datasheet HTML 4Page - Texas Instruments LM5166_17 Datasheet HTML 5Page - Texas Instruments LM5166_17 Datasheet HTML 6Page - Texas Instruments LM5166_17 Datasheet HTML 7Page - Texas Instruments LM5166_17 Datasheet HTML 8Page - Texas Instruments LM5166_17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
LM5166
UNIT
VSON
10 PINS
RθJA
Junction-to-ambient thermal resistance
49.1
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
57.2
°C/W
RθJB
Junction-to-board thermal resistance
26.6
°C/W
ψJT
Junction-to-top characterization parameter
0.8
°C/W
ψJB
Junction-to-board characterization parameter
23.8
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
4.8
°C/W
6.5 Electrical Characteristics
Typical values correspond to TJ = 25°C. Minimum and maximum limits are based on TJ = –40°C to +125°C. VIN = 12 V
(unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IQ-SD
VIN DC supply current, shutdown
VEN = 0 V, TJ = 25°C
4
6
µA
IQ-SLEEP
VIN DC supply current, no load
VFB = 1.5 V, TJ = 25°C
9.7
15
IQ-SLEEP-VINMAX
VIN DC supply current, no load,
VVIN = 65 V
VFB = 1.5 V, VVIN = 65 V, TJ = 25°C
10
15
IQ-ACTIVE-PFM
VIN DC supply current, active, max
load
PFM mode, RRT = 0 Ω, RSS = 100 kΩ
205
IQ-ACTIVE-COT
VIN DC supply current, active, max
load
COT mode, RRT = RSS = 100 kΩ
320
POWER SWITCHES
RDSON1
High-side MOSFET RDS(on)
ISW = –100 mA
0.93
Ω
RDSON2
Low-side MOSFET RDS(on)
ISW = 100 mA
0.48
CURRENT LIMITING
IHS_LIM1
High-side peak current limit thresholds
See Table 3
1125
1250
1375
mA
IHS_LIM2
675
750
825
IHS_LIM3
440
500
560
ILS_LIM1
Low-side valley current limit thresholds
See Table 3
415
mA
ILS_LIM2
315
REGULATION COMPARATOR
VVOUT5
VOUT 5-V DC setpoint
LM5166X
4.9
5.0
5.1
V
VVOUT3.3
VOUT 3.3-V DC setpoint
LM5166Y
3.23
3.30
3.37
IVOUT
VOUT pin input current
VVOUT = 5 V, LM5166X
7
µA
VVOUT = 3.3 V, LM5166Y
3.8
VFB1
Lower FB regulation threshold
(PFM and COT)
Adjustable VOUT version
1.208
1.223
1.238
V
VFB2
Upper FB regulation threshold (PFM)
1.218
1.233
1.248
IFB
FB pin input bias current
VFB = 1 V
100
nA
FBHYS-PFM
FB comparator PFM hysteresis
PFM mode
10
mV
FBHYS-COT
FB comparator dropout hysteresis
COT mode
4
FBLINE-REG
FB threshold variation over line
VVIN = 3 V to 65 V
0.005
%/V
VOUTLINE-REG
VOUT threshold variation over line
LM5166X, VVIN = 6 V to 65 V
LM5166Y, VVIN = 4.5 V to 65 V
0.005
%/V
POWER GOOD
UVTRISING
PGOOD comparator
VFB rising relative to VFB1 threshold
94%
UVTFALLING
VFB falling relative to VFB1 threshold
87%


Similar Part No. - LM5166_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166DRCR TI1-LM5166DRCR Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166DRCT TI1-LM5166DRCT Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166X TI1-LM5166X Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5166Y TI1-LM5166Y Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
More results

Similar Description - LM5166_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com