Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5166X Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5166X
Description  3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5166X Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5166X Datasheet HTML 5Page - Texas Instruments LM5166X Datasheet HTML 6Page - Texas Instruments LM5166X Datasheet HTML 7Page - Texas Instruments LM5166X Datasheet HTML 8Page - Texas Instruments LM5166X Datasheet HTML 9Page - Texas Instruments LM5166X Datasheet HTML 10Page - Texas Instruments LM5166X Datasheet HTML 11Page - Texas Instruments LM5166X Datasheet HTML 12Page - Texas Instruments LM5166X Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
0.5
0.75
1
1.25
1.5
1.75
D016
Input Voltage (V)
0
10
20
30
40
50
60
70
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
D017
50qC
25qC
150qC
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
150
160
170
180
190
200
D014
Input Voltage (V)
0
10
20
30
40
50
60
70
0
500
1000
1500
2000
2500
3000
3500
4000
D015
RRT = 15.8 k:
RRT = 75 k:
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
86
88
90
92
94
96
98
D011
FB Rising
FB Falling
VSS (V)
0
0.25
0.5
0.75
1
1.25
1.5
0
0.25
0.5
0.75
1
1.25
1.5
D012
9
LM5166
www.ti.com
SNVSA67A – DECEMBER 2016 – REVISED DECEMBER 2016
Product Folder Links: LM5166
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified, VIN = 12 V, VOUT = 5 V. Please refer to Typical Applications for circuit designs.
Figure 13. PGOOD Thresholds vs Temperature
Figure 14. Feedback Voltage vs Soft-start Voltage
Figure 15. Soft-start to Feedback Clamp Offset vs
Temperature
Figure 16. COT One-shot Timer TON vs Input Voltage
Figure 17. High-Side MOSFET On-state Resistance vs
Temperature
Figure 18. High-Side MOSFET On-state Resistance vs Input
Voltage


Similar Part No. - LM5166X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166X TI1-LM5166X Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
More results

Similar Description - LM5166X

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5166 TI1-LM5166 Datasheet
3Mb / 53P
[Old version datasheet]   3-V to 65-V Input, 500-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165-Q1 TI1-LM5165-Q1_17 Datasheet
1Mb / 47P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter with Ultra-Low IQ
LM5165 TI1-LM5165 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI1-LM5165-Q1 Datasheet
1Mb / 44P
[Old version datasheet]   3-V to 65-V Input, 150-mA Synchronous Buck Converter
LM5165-Q1 TI-LM5165-Q1_V01 Datasheet
2Mb / 52P
[Old version datasheet]   LM5165-Q1 Automotive 3-V to 65-V Input, 150-mA Synchronous Buck Converter With Ultra-Low IQ
REVISED DECEMBER 2022
LMR36503 TI-LMR36503_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
LMR36503 TI-LMR36503_V02 Datasheet
2Mb / 54P
[Old version datasheet]   LMR36503 3-V to 65-V, 0.3-A Ultra-Small Synchronous Buck Converter with Ultra-Low IQ
REVISED NOVEMBER 2022
TPS560200 TI1-TPS560200_16 Datasheet
992Kb / 22P
[Old version datasheet]   4.5-V to 17-V Input, 500-mA Synchronous Step-Down Converter
LMR36506 TI-LMR36506_V01 Datasheet
1Mb / 45P
[Old version datasheet]   LMR36506 3-V to 65-V, 0.6-A Ultra-Small Synchronous Buck Converter with 4 關A IQ
TPS40304A TI-TPS40304A_1 Datasheet
527Kb / 20P
[Old version datasheet]   3-V TO 20-V INPUT SYNCHRONOUS BUCK CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com