Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZGL41-100A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ZGL41-100A
Description  Surface Mount Glass Passivated Power Voltage-Regulating Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZGL41-100A Datasheet(HTML) 3 Page - Vishay Siliconix

  ZGL41-100A Datasheet HTML 1Page - Vishay Siliconix ZGL41-100A Datasheet HTML 2Page - Vishay Siliconix ZGL41-100A Datasheet HTML 3Page - Vishay Siliconix ZGL41-100A Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZGL41-100A thru ZGL41-200A
www.vishay.com
Vishay General Semiconductor
Revision: 29-May-12
3
Document Number: 88409
For technical questions within your region: DiodesAmericas@vishay.com, DiodesEurope@vishay.com, DiodesAsia@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Steady State Power Derating Curve
Fig. 6 - Typical Zener Voltage
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.01
0.1
1
10
0.4
0.6
0.8
1
1.2
1.4
1.6
T
J = 25 °C
Pulse Width = 300 µs
1 % Duty Cycle
Instantaneous Forward Voltage (V)
0.01
0.1
1
10
40
20
0
Percent of Rated Zener Voltage (%)
60
80
100
T
J = 100 °C
T
J = 25 °C
180
160
140
120
100
80
200
220
100
130
110
140
150 160 170 180 190 200
120
VZ - Zener Voltage (V)
Tested at Rated I
ZT
0.1
1
10
100
150
200
250
VZ - Zener Voltage (V)
D1 =
0.105
0.095
(2.67)
(2.41)
+ 0
- 0.008 (0.20)
D2
DO-213AB (GL41)
Solderable Ends
1
st Band
D2 = D1
1st Band Denotes Type and Positive End (Cathode)
0.138 (3.5)
MAX.
0.049 (1.25)
MIN.
0.118 (3.0)
MIN.
0.238 (6.0)
REF.
Mounting Pad Layout
0.022 (0.56)
0.018 (0.46)
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185 (4.7)


Similar Part No. - ZGL41-100A

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
ZGL41-100A VAISH-ZGL41-100A Datasheet
25Kb / 2P
   Surface Mount Glass Passivated Zeners
logo
Vishay Siliconix
ZGL41-100A VISHAY-ZGL41-100A Datasheet
96Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
ZGL41-100A VISHAY-ZGL41-100A_V01 Datasheet
96Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
More results

Similar Description - ZGL41-100A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ZGL41-100 VISHAY-ZGL41-100 Datasheet
97Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
Revision: 20-Oct-08
ZGL41-100A VISHAY-ZGL41-100A_V01 Datasheet
96Kb / 4P
   Surface Mount Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
Z4KE100A VISHAY-Z4KE100A_V01 Datasheet
93Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
01-Jan-2022
Z4KE100A VISHAY-Z4KE100A Datasheet
87Kb / 5P
   Glass Passivated Power Voltage-Regulating Diodes
02-Oct-12
Z4KE100 VISHAY-Z4KE100 Datasheet
96Kb / 4P
   Glass Passivated Power Voltage-Regulating Diodes
Revision: 22-Oct-08
SMAZ5945B-E3 VISHAY-SMAZ5945B-E3 Datasheet
96Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 12-Jan-15
SMAZ5919B VISHAY-SMAZ5919B_V01 Datasheet
108Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
01-Jan-2022
SMAZ5941B-E3 VISHAY-SMAZ5941B-E3 Datasheet
94Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
SMAZ5919B VISHAY-SMAZ5919B Datasheet
107Kb / 5P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 20-Oct-08
SMZJ3807B-E3 VISHAY-SMZJ3807B-E3 Datasheet
106Kb / 4P
   Surface Mount Power Voltage-Regulating Diodes
Revision: 25-May-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com