Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C32-DW3T Datasheet(PDF) 4 Page - STMicroelectronics

Part # M24C32-DW3T
Description  64Kbit and 32Kbit Serial I짼C Bus EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C32-DW3T Datasheet(HTML) 4 Page - STMicroelectronics

  M24C32-DW3T Datasheet HTML 1Page - STMicroelectronics M24C32-DW3T Datasheet HTML 2Page - STMicroelectronics M24C32-DW3T Datasheet HTML 3Page - STMicroelectronics M24C32-DW3T Datasheet HTML 4Page - STMicroelectronics M24C32-DW3T Datasheet HTML 5Page - STMicroelectronics M24C32-DW3T Datasheet HTML 6Page - STMicroelectronics M24C32-DW3T Datasheet HTML 7Page - STMicroelectronics M24C32-DW3T Datasheet HTML 8Page - STMicroelectronics M24C32-DW3T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
M24C64, M24C32
4/26
SUMMARY DESCRIPTION
These I2C-compatible electrically erasable pro-
grammable memory (EEPROM) devices are orga-
nized as 8192 x 8 bits (M24C64) and 4096 x 8 bits
(M24C32).
Figure 2. Logic Diagram
I2C uses a two-wire serial interface, comprising a
bi-directional data line and a clock line. The devic-
es carry a built-in 4-bit Device Type Identifier code
(1010) in accordance with the I2C bus definition.
The device behaves as a slave in the I2C protocol,
with all memory operations synchronized by the
serial clock. Read and Write operations are initiat-
ed by a Start condition, generated by the bus mas-
ter. The Start condition is followed by a Device
Select Code and Read/Write bit (RW) (as de-
scribed in Table 3.), terminated by an acknowl-
edge bit.
When writing data to the memory, the device in-
serts an acknowledge bit during the 9th bit time,
following the bus master’s 8-bit transmission.
When data is read by the bus master, the bus
master acknowledges the receipt of the data byte
in the same way. Data transfers are terminated by
a Stop condition after an Ack for Write, and after a
NoAck for Read.
Table 2. Signal Names
Power On Reset: VCC Lock-Out Write Protect
In order to prevent data corruption and inadvertent
Write operations during Power-up, a Power On
Reset (POR) circuit is included. At Power-up, the
internal reset is held active until VCC has reached
the Power On Reset (POR) threshold voltage, and
all operations are disabled – the device will not re-
spond to any command. In the same way, when
VCC drops from the operating voltage, below the
Power On Reset (POR) threshold voltage, all op-
erations are disabled and the device will not re-
spond to any command.
A stable and valid VCC (as defined in Table 9. and
Table 10.) must be applied before applying any
logic signal.
Figure 3. DIP, SO, TSSOP and UFDFPN
Connections
Note: See PACKAGE MECHANICAL section for package dimen-
sions, and how to identify pin-1.
AI01844B
3
E0-E2
SDA
VCC
M24C64
M24C32
WC
SCL
VSS
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
SDA
VSS
SCL
WC
E1
E0
VCC
E2
AI01845C
M24C64
M24C32
1
2
3
4
8
7
6
5


Similar Part No. - M24C32-DW3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C32-DF STMICROELECTRONICS-M24C32-DF Datasheet
581Kb / 42P
   32-Kbit serial IC bus EEPROM
M24C32-DF STMICROELECTRONICS-M24C32-DF_12 Datasheet
392Kb / 40P
   32-Kbit serial I짼C bus EEPROM
M24C32-DRDW3TG STMICROELECTRONICS-M24C32-DRDW3TG Datasheet
604Kb / 40P
   Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
M24C32-DRDW3TP STMICROELECTRONICS-M24C32-DRDW3TP Datasheet
604Kb / 40P
   Automotive 32-Kbit serial IC bus EEPROM with 1 MHz clock
M24C32-DRDW8TG STMICROELECTRONICS-M24C32-DRDW8TG Datasheet
1Mb / 41P
   32-Kbit serial IC bus EEPROM - 105C operation
More results

Similar Description - M24C32-DW3T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM24C32 HMSEMI-HM24C32 Datasheet
813Kb / 16P
   32Kbit and 64Kbit Serial IC bus EEPROM
logo
STMicroelectronics
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
logo
Sanyo Semicon Device
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
logo
STMicroelectronics
M95640-S STMICROELECTRONICS-M95640-S Datasheet
768Kb / 42P
   32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
logo
Asahi Kasei Microsystem...
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com