Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP511SN18T1G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP511SN18T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511SN18T1G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP511SN18T1G Datasheet HTML 2Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 3Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 4Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 5Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 6Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 7Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 8Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 9Page - ON Semiconductor NCP511SN18T1G Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
NCP511
http://onsemi.com
6
2
0
1
4
0
Figure 13. Turn−On Response
TIME (
ms)
3
20
100 120
80
60
140
40
180
160
Vin = 3.5 V
Vout = 3.0 V
TA = 25°C
Iout = 1 mA
Cin = 1 mF
Cout = 1 mF
Cout = 10 mF
1
2
1.2
0.4
Figure 14. Output Noise Density
f, FREQUENCY (kHz)
0.2
0.6
1.0
1.4
0.01
10
100
1.0
0.1
1000
Vout = 1.5 V
Vin = 2.5 V
Iout = 60 mA
Cout = 2.2 mF
0
0.8
1.6
60
20
Figure 15. Ripple Rejection vs. Frequency
f, FREQUENCY (Hz)
10
30
50
70
100
100 k
1 M
10 k
1 k
Vout = 3.0 V
Vin = 3.5 VDC ± 0.25 V
Iout = 60 mA
Cout = 1.0 mF
0
40


Similar Part No. - NCP511SN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511SN18T1G ONSEMI-NCP511SN18T1G Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511SN18T1G ONSEMI-NCP511SN18T1G Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
More results

Similar Description - NCP511SN18T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com