Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRS07H075xyE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VDRS07H075xyE
Description  VDR Metal Oxide Varistors Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS07H075xyE Datasheet(HTML) 2 Page - Vishay Siliconix

  VDRS07H075xyE Datasheet HTML 1Page - Vishay Siliconix VDRS07H075xyE Datasheet HTML 2Page - Vishay Siliconix VDRS07H075xyE Datasheet HTML 3Page - Vishay Siliconix VDRS07H075xyE Datasheet HTML 4Page - Vishay Siliconix VDRS07H075xyE Datasheet HTML 5Page - Vishay Siliconix VDRS07H075xyE Datasheet HTML 6Page - Vishay Siliconix VDRS07H075xyE Datasheet HTML 7Page - Vishay Siliconix VDRS07H075xyE Datasheet HTML 8Page - Vishay Siliconix VDRS07H075xyE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
2
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP
(8 x 20 μs)
TYPICAL
CAP.
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (7)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (6)
14
18
22
48
1.0
0.5
100
1300
4.1
0.7 ± 0.3
4
VDRS05A014xyE
43
2.5
1.7
250
2800
4.1
0.7 ± 0.3
4
VDRS07B014xyE
43
5.0
4.3
500
6000
4.4
0.9 ± 0.3
4
VDRS10D014xyE
43
10.0
5.4
1000
15 000
4.4
0.9 ± 0.3
4
VDRS14G014xyE
43
20.0
8.0
2000
30 000
4.6
1.1 ± 0.3
4
VDRS20M014ByE
17
22
27
60
1.0
0.7
100
1050
4.1
0.8 ± 0.3
4
VDRS05A017xyE
53
2.5
2.0
250
2000
4.1
0.8 ± 0.3
4
VDRS07B017xyE
53
5.0
5.3
500
4000
4.4
1.0 ± 0.3
4
VDRS10D017xyE
53
10.0
6.9
1000
10 000
4.4
1.0 ± 0.3
4
VDRS14G017xyE
53
20.0
10.0
2000
20 000
4.6
1.2 ± 0.3
4
VDRS20M017ByE
20
26
33
73
1.0
0.8
100
900
4.1
1.0 ± 0.3
4
VDRS05A020xyE
65
2.5
2.5
250
1500
4.1
1.0 ± 0.3
4
VDRS07B020xyE
65
5.0
6.5
500
3000
4.4
1.2 ± 0.3
4
VDRS10D020xyE
65
10.0
8.8
1000
7500
4.4
1.2 ± 0.3
4
VDRS14G020xyE
65
20.0
12.0
2000
15 000
4.8
1.4 ± 0.3
4
VDRS20M020ByE
25
31
39
86
1.0
0.9
100
500
4.2
1.2 ± 0.3
4
VDRS05A025xyE
77
2.5
3.0
250
1350
4.2
1.2 ± 0.3
4
VDRS07B025xyE
77
5.0
7.7
500
2600
4.6
1.4 ± 0.3
4
VDRS10D025xyE
77
10.0
9.4
1000
6500
4.6
1.4 ± 0.3
4
VDRS14G025xyE
77
20.0
14.0
2000
13 000
5.0
1.6 ± 0.3
4
VDRS20M025ByE
30
38
47
96
1.0
1.1
100
700
4.4
1.4 ± 0.5
4
VDRS05A030xyE
93
2.5
3.6
250
1600
4.4
1.4 ± 0.5
4
VDRS07B030xyE
93
5.0
9.2
500
2700
4.8
1.6 ± 0.5
4
VDRS10D030xyE
93
10.0
12.0
1000
6000
4.8
1.6 ± 0.5
4
VDRS14G030xyE
93
20.0
17.0
2000
12 000
5.2
1.8 ± 0.5
4
VDRS20M030ByE
35
45
56
123
1.0
1.4
100
560
4.8
1.7 ± 0.5
4
VDRS05A035xyE
110
2.5
4.4
250
1300
4.8
1.7 ± 0.5
4
VDRS07B035xyE
110
5.0
11.0
500
2200
5.2
1.9 ± 0.5
4
VDRS10D035xyE
110
10.0
14.0
1000
4800
5.2
1.9 ± 0.5
4
VDRS14G035xyE
110
20.0
20.0
2000
9600
5.6
2.1 ± 0.5
4
VDRS20M035ByE
40
56
68
145
1.0
1.6
100
460
5.1
2.1 ± 0.5
4
VDRS05A040xyE
135
2.5
5.2
250
1000
5.1
2.1 ± 0.5
4
VDRS07B040xyE
135
5.0
13.0
500
1800
5.5
2.3 ± 0.5
4
VDRS10D040xyE
135
10.0
17.0
1000
3800
5.5
2.3 ± 0.5
4
VDRS14G040xyE
135
20.0
24.0
2000
7600
5.9
2.5 ± 0.5
4
VDRS20M040ByE
50
65
82
145
5.0
2.6
400
370
4.1
0.6 ± 0.3
4
VDRS05C050xyE
140
10.0
7.0
1200
900
4.1
0.6 ± 0.3
4
VDRS07H050xyE
140
25.0
12.0
2500
1500
4.4
0.8 ± 0.3
4
VDRS10P050xyE
140
50.0
21.0
4500
3100
4.4
0.8 ± 0.3
4
VDRS14T050xyE
60
85
100
170
5.0
2.9
400
290
4.1
0.7 ± 0.3
4
VDRS05C060xyE
165
10.0
8.3
1200
700
4.1
0.7 ± 0.3
4
VDRS07H060xyE
165
25.0
15.0
2500
1200
4.4
0.9 ± 0.3
4
VDRS10P060xyE
165
50.0
24.0
4500
2300
4.4
0.9 ± 0.3
3
VDRS14T060xyE
165
100.0
56.0
6500
4700
4.5
1.1 ± 0.3
2
VDRS20W060ByE
75
100
120
210
5.0
3.4
400
240
4.1
0.9 ± 0.3
4
VDRS05C075xyE
200
10.0
10.0
1200
530
4.1
0.9 ± 0.3
4
VDRS07H075xyE
200
25.0
18.0
2500
1000
4.4
1.1 ± 0.3
4
VDRS10P075xyE
200
50.0
29.0
4500
1900
4.4
1.1 ± 0.3
3
VDRS14T075xyE
200
100.0
64.0
6500
3900
4.8
1.3 ± 0.3
2
VDRS20W075ByE
95
125
150
250
5.0
4.1
400
180
4.2
1.1 ± 0.3
4
VDRS05C095xyE
250
10.0
13.0
1200
450
4.2
1.1 ± 0.3
4
VDRS07H095xyE
250
25.0
22.0
2500
800
4.6
1.3 ± 0.3
4
VDRS10P095xyE
250
50.0
37.0
4500
1500
4.6
1.3 ± 0.3
3
VDRS14T095xyE
250
100.0
88.0
6500
3000
5.2
1.5 ± 0.3
2
VDRS20W095ByE


Similar Part No. - VDRS07H075xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS07H075XYE VISHAY-VDRS07H075XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS07H075xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com