Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH10S075xyE Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VDRH10S075xyE
Description  VDR Metal Oxide Varistors High Surge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10S075xyE Datasheet(HTML) 2 Page - Vishay Siliconix

  VDRH10S075xyE Datasheet HTML 1Page - Vishay Siliconix VDRH10S075xyE Datasheet HTML 2Page - Vishay Siliconix VDRH10S075xyE Datasheet HTML 3Page - Vishay Siliconix VDRH10S075xyE Datasheet HTML 4Page - Vishay Siliconix VDRH10S075xyE Datasheet HTML 5Page - Vishay Siliconix VDRH10S075xyE Datasheet HTML 6Page - Vishay Siliconix VDRH10S075xyE Datasheet HTML 7Page - Vishay Siliconix VDRH10S075xyE Datasheet HTML 8Page - Vishay Siliconix VDRH10S075xyE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
VDRH Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
2
Document Number: 29082
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 μs)
TYPICAL
CAPACITANCE
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (7)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (6)
11
14
18
40
1.0
0.7
250
1600
3.4
0.5 ± 0.3
4
VDRH05B011xyE
36
2.5
1.5
500
3600
3.4
0.5 ± 0.3
4
VDRH07D011xyE
36
5.0
2.6
1000
8000
3.8
0.7 ± 0.3
4
VDRH10G011xyE
36
10.0
5.2
2000
20 000
3.8
0.7 ± 0.3
4
VDRH14M011xyE
14
18
22
48
1.0
0.8
250
1300
3.4
0.7 ± 0.3
4
VDRH05B014xyE
43
2.5
1.7
500
2800
3.4
0.7 ± 0.3
4
VDRH07D014xyE
43
5.0
3.2
1000
6000
3.8
0.9 ± 0.3
4
VDRH10G014xyE
43
10.0
6.3
2000
15 000
3.8
0.9 ± 0.3
4
VDRH14M014xyE
43
20.0
16.0
3000
30 000
4.2
1.1 ± 0.3
3
VDRH20R014ByE
17
22
27
60
1.0
1.1
250
1050
3.7
0.8 ± 0.3
4
VDRH05B017xyE
53
2.5
2.1
500
2000
3.7
0.8 ± 0.3
4
VDRH07D017xyE
53
5.0
3.9
1000
4000
4.1
1.0 ± 0.3
4
VDRH10G017xyE
53
10.0
7.8
2000
10 000
4.1
1.0 ± 0.3
4
VDRH14M017xyE
53
20.0
19.0
3000
20 000
4.5
1.2 ± 0.3
3
VDRH20R017ByE
20
26
33
73
1.0
1.3
250
900
3.9
1.0 ± 0.3
4
VDRH05B020xyE
65
2.5
2.8
500
1500
3.9
1.0 ± 0.3
4
VDRH07D020xyE
65
5.0
4.8
1000
3000
4.3
1.2 ± 0.3
4
VDRH10G020xyE
65
10.0
9.5
2000
7500
4.3
1.2 ± 0.3
4
VDRH14M020xyE
65
20.0
24.0
3000
15 000
4.7
1.4 ± 0.3
3
VDRH20R020ByE
25
31
39
86
1.0
1.5
250
500
4.2
1.2 ± 0.3
4
VDRH05B025xyE
77
2.5
3.0
500
1350
4.2
1.2 ± 0.3
4
VDRH07D025xyE
77
5.0
5.6
1000
2600
4.6
1.4 ± 0.3
4
VDRH10G025xyE
77
10.0
11.0
2000
6500
4.6
1.4 ± 0.3
4
VDRH14M025xyE
77
20.0
28.0
3000
13 000
5.0
1.6 ± 0.3
3
VDRH20R025ByE
30
38
47
104
1.0
1.8
250
700
4.4
1.4 ± 0.5
4
VDRH05B030xyE
93
2.5
3.8
500
1600
4.4
1.4 ± 0.5
4
VDRH07D030xyE
93
5.0
6.8
1000
2700
4.8
1.6 ± 0.5
4
VDRH10G030xyE
93
10.0
14.0
2000
6000
4.8
1.6 ± 0.5
4
VDRH14M030xyE
93
20.0
34.0
3000
12 000
5.2
1.8 ± 0.5
3
VDRH20R030ByE
35
45
56
123
1.0
2.2
250
560
4.8
1.7 ± 0.5
4
VDRH05B035xyE
110
2.5
4.4
500
1300
4.8
1.7 ± 0.5
4
VDRH07D035xyE
110
5.0
8.1
1000
2200
5.2
1.9 ± 0.5
4
VDRH10G035xyE
110
10.0
16.0
2000
4800
5.2
1.9 ± 0.5
4
VDRH14M035xyE
110
20.0
41.0
3000
9600
5.6
2.1 ± 0.5
3
VDRH20R035ByE
40
56
68
150
1.0
2.6
250
460
5.1
2.1 ± 0.5
4
VDRH05B040xyE
135
2.5
5.4
500
1000
5.1
2.1 ± 0.5
4
VDRH07D040xyE
135
5.0
9.8
1000
1800
5.5
2.3 ± 0.5
4
VDRH10G040xyE
135
10.0
20.0
2000
3800
5.5
2.3 ± 0.5
4
VDRH14M040xyE
135
20.0
49.0
3000
7600
5.9
2.5 ± 0.5
3
VDRH20R040ByE
50
65
82
145
5.0
3.5
800
370
3.5
0.6 ± 0.3
4
VDRH05E050xyE
135
10.0
7.0
1750
900
3.5
0.6 ± 0.3
4
VDRH07K050xyE
135
25.0
14.0
3500
1500
3.9
0.8 ± 0.3
3
VDRH10S050xyE
135
50.0
28.0
6000
3100
3.9
0.8 ± 0.3
2
VDRH14V050xyE


Similar Part No. - VDRH10S075xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10S075XYE VISHAY-VDRH10S075XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH10S075xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com