Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1086D2T-ADJR4 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1086D2T-ADJR4
Description  1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1086D2T-ADJR4 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1086D2T-ADJR4 Datasheet HTML 4Page - ON Semiconductor NCP1086D2T-ADJR4 Datasheet HTML 5Page - ON Semiconductor NCP1086D2T-ADJR4 Datasheet HTML 6Page - ON Semiconductor NCP1086D2T-ADJR4 Datasheet HTML 7Page - ON Semiconductor NCP1086D2T-ADJR4 Datasheet HTML 8Page - ON Semiconductor NCP1086D2T-ADJR4 Datasheet HTML 9Page - ON Semiconductor NCP1086D2T-ADJR4 Datasheet HTML 10Page - ON Semiconductor NCP1086D2T-ADJR4 Datasheet HTML 11Page - ON Semiconductor NCP1086D2T-ADJR4 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
NCP1086
http://onsemi.com
8
The case is connected to VOUT, and electrical isolation
may be required for some applications. Thermal compound
should always be used with high current regulators such as
these.
The thermal characteristics of an IC depend on the
following four factors:
1.
Maximum Ambient Temperature TA (°C)
2.
Power dissipation PD (W)
3.
Maximum junction temperature TJ (°C)
4.
Thermal resistance junction to ambient RqJA (°C/W)
These four are related by the equation
TJ + TA ) PD
R
QJA
(eq. 1)
The maximum ambient temperature and the power
dissipation are determined by the design while the
maximum junction temperature and the thermal resistance
depend on the manufacturer and the package type.
The maximum power dissipation for a regulator is:
PD(max) + {VIN(max) * VOUT(min)}IOUT(max) ) VIN(max)IQ
(eq. 2)
where:
VIN(max) is the maximum input voltage,
VOUT(min) is the minimum output voltage,
IOUT(max) is the maximum output current, for the application
IQ is the maximum quiescent current at IOUT(max).
A heatsink effectively increases the surface area of the
package to improve the flow of heat away from the IC and
into the surrounding air.
Each material in the heat flow path between the IC and the
outside environment has a thermal resistance. Like series
electrical resistances, these resistances are summed to
determine RqJA, the total thermal resistance between the
junction and the surrounding air.
1.
Thermal Resistance of the junction to case, RqJC
(
°C/W)
2.
Thermal Resistance of the case to Heatsink, RqCS
(
°C/W)
3.
Thermal Resistance of the Heatsink to the ambient
air, RqSA (°C/W)
These are connected by the equation:
R
QJA + RQJC ) RQCS ) RQSA
(eq. 3)
The value for RqJA is calculated using Equation 3 and the
result can be substituted in Equation 1.
The value for RqJC is 3.5°C/W. For a high current
regulator such as the NCP1086 the majority of the heat is
generated in the power transistor section. The value for
RqSA depends on the heatsink type, while RqCS depends on
factors such as package type, heatsink interface (is an
insulator and thermal grease used?), and the contact area
between the heatsink and the package. Once these
calculations are complete, the maximum permissible value
of RqJA can be calculated and the proper heatsink selected.
For further discussion on heatsink selection, see application
note
“Thermal
Management,”
document
number
AND8036/D via our website at www.onsemi.com.


Similar Part No. - NCP1086D2T-ADJR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086D2T-ADJR4 ONSEMI-NCP1086D2T-ADJR4 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
More results

Similar Description - NCP1086D2T-ADJR4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1086 ONSEMI-NCP1086_05 Datasheet
121Kb / 14P
   1.5 A Adjustable and 3.3 V Fixed Output Linear Regulator
May, 2005 ??Rev. 6
CS52015-3 ONSEMI-CS52015-3 Datasheet
217Kb / 8P
   1.5 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 8
CS5203A-1 ONSEMI-CS5203A-1 Datasheet
86Kb / 10P
   3.0 A Adjustable, and Fixed 1.5 V, 3.3 V and 5.0 V Linear Regulators
June, 2004 ??Rev. 7
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1_06 Datasheet
239Kb / 9P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006 ??Rev. 9
CS5205-1 ONSEMI-CS5205-1 Datasheet
245Kb / 9P
   5.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
September, 2006??Rev. 8
CS5206-3 ONSEMI-CS5206-3 Datasheet
77Kb / 10P
   6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
January, 2004 ??Rev. 7
CS5204-1 ONSEMI-CS5204-1 Datasheet
73Kb / 10P
   4.0 A Adjustable, and 3.3 V and 5.0 V Fixed Linear Regulators
January, 2004 ??Rev. 8
CS5204-2 ONSEMI-CS5204-2_06 Datasheet
196Kb / 7P
   4.0 A, 1.5 V Fixed Linear Regulator
September, 2006 ??Rev. 10
CS5203-3 ONSEMI-CS5203-3 Datasheet
172Kb / 6P
   3.0 A, 3.3 V Fixed Linear Regulator
September, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com