Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGD8201N Datasheet(PDF) 4 Page - ON Semiconductor

Part # NGD8201N
Description  Ignition IGBT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NGD8201N Datasheet(HTML) 4 Page - ON Semiconductor

  NGD8201N Datasheet HTML 1Page - ON Semiconductor NGD8201N Datasheet HTML 2Page - ON Semiconductor NGD8201N Datasheet HTML 3Page - ON Semiconductor NGD8201N Datasheet HTML 4Page - ON Semiconductor NGD8201N Datasheet HTML 5Page - ON Semiconductor NGD8201N Datasheet HTML 6Page - ON Semiconductor NGD8201N Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NGD8201N
http://onsemi.com
4
TYPICAL ELECTRICAL CHARACTERISTICS
Figure 1. Self Clamped Inductive Switching
Figure 2. Open Secondary Avalanche Current
vs. Temperature
Figure 3. Collector−to−Emitter Voltage vs.
Junction Temperature
Figure 4. Collector Current vs.
Collector−to−Emitter Voltage
Figure 5. Collector Current vs.
Collector−to−Emitter Voltage
Figure 6. Collector Current vs.
Collector−to−Emitter Voltage
INDUCTOR (mH)
250
06
8
4
100
50
200
0
400
150
10
TJ = 25°C
TJ, JUNCTION TEMPERATURE (°C)
−50
50
75
25
0
100
−25
125
10
20
5
15
0
25
30
175
VCC = 14 V
VGE = 5.0 V
RG = 1000 W
L = 10 mH
150
L = 3.0 mH
L = 1.8 mH
1.25
TJ, JUNCTION TEMPERATURE (°C)
−50
50
75
25
0
100
−25
125
0.5
1.5
0.25
1.0
0.0
1.75
2.0
0.75
150
VGE = 4.5 V
IC = 25 A
IC = 20 A
IC = 15 A
IC = 10 A
IC = 7.5 A
0
40
6
10
4
2
0
60
20
30
50
8
13
5
7
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
TJ = 175°C
VGE = 10 V
5 V
4.5 V
4 V
3.5 V
3 V
2.5 V
0
40
6
10
4
2
0
60
20
30
50
8
1
357
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
TJ = −40°C
VGE = 10 V
5 V
4.5 V
4 V
3.5 V
3 V
2.5 V
40
10
2
0
60
20
30
50
8
13
5
7
VCE, COLLECTOR TO EMITTER VOLTAGE (V)
TJ = 25°C
VGE = 10 V
5 V
4.5 V
4 V
3.5 V
3 V
2.5 V
06
4
VCC = 14 V
VGE = 5.0 V
RG = 1000 W
350
300
2
TJ = 175°C
175


Similar Part No. - NGD8201N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGD8201N ONSEMI-NGD8201N Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
NGD8201NT4 ONSEMI-NGD8201NT4 Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
NGD8201NT4G ONSEMI-NGD8201NT4G Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
NGD8201NT4G ONSEMI-NGD8201NT4G Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
NGD8201N ONSEMI-NGD8201N_12 Datasheet
125Kb / 8P
   Ignition IGBT 20 A, 400 V, N.Channel DPAK
February, 2012 ??Rev. 10
More results

Similar Description - NGD8201N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGB8202N ONSEMI-NGB8202N_06 Datasheet
144Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 5
NGB8206NTF4G ONSEMI-NGB8206NTF4G Datasheet
129Kb / 9P
   Ignition IGBT
February, 2012 ??Rev. 9
NGD8201N ONSEMI-NGD8201N Datasheet
147Kb / 7P
   Ignition IGBT
August, 2006 ??Rev. 7
CS8312 ONSEMI-CS8312 Datasheet
59Kb / 8P
   IGBT Ignition Predriver
March, 2001 ??Rev. 4
ISL9V3040X3ST-F085C ONSEMI-ISL9V3040X3ST-F085C Datasheet
3Mb / 9P
   EcoSPARK Ignition IGBT
August, 2019 ??Rev. 1
logo
Rohm
RGPR30BM40 ROHM-RGPR30BM40 Datasheet
719Kb / 11P
   400V 30A Ignition IGBT
RGPZ10BM40FH ROHM-RGPZ10BM40FH Datasheet
1Mb / 10P
   430V 20A Ignition IGBT
RGPZ10BM40 ROHM-RGPZ10BM40 Datasheet
1Mb / 9P
   430V 20A Ignition IGBT
RGPR20NL43HR ROHM-RGPR20NL43HR Datasheet
921Kb / 10P
   430V 20A Ignition IGBT
2019.07 - Rev.A
RGPR30NS40 ROHM-RGPR30NS40 Datasheet
720Kb / 11P
   400V 30A Ignition IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com