Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRS10P130xyE Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VDRS10P130xyE
Description  VDR Metal Oxide Varistors Standard
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRS10P130xyE Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VDRS10P130xyE Datasheet HTML 6Page - Vishay Siliconix VDRS10P130xyE Datasheet HTML 7Page - Vishay Siliconix VDRS10P130xyE Datasheet HTML 8Page - Vishay Siliconix VDRS10P130xyE Datasheet HTML 9Page - Vishay Siliconix VDRS10P130xyE Datasheet HTML 10Page - Vishay Siliconix VDRS10P130xyE Datasheet HTML 11Page - Vishay Siliconix VDRS10P130xyE Datasheet HTML 12Page - Vishay Siliconix VDRS10P130xyE Datasheet HTML 13Page - Vishay Siliconix VDRS10P130xyE Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
VDRS Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
10
Document Number: 29081
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
V/I CHARACTERISTICS
14 VRMS to 40 VRMS; VDRS05
50 VRMS to 175 VRMS; VDRS05
230 VRMS to 460 VRMS; VDRS05
10
100
1000
10-5
10-4
10-3
10-2
10-1
110
102
CURRENT (A)
040
035
030
025
020
017
014
max. leakage current
max. clamping voltage
10
100
1000
CURRENT (A)
175
150
140
130
095
075
060
050
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103
100
1000
CURRENT (A)
420
385
350
320
300
275
250
max. leakage current
max. clamping voltage
10-5
10-4
10-3
10-2
10-1
110
102
103


Similar Part No. - VDRS10P130xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS10P130XYE VISHAY-VDRS10P130XYE Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
More results

Similar Description - VDRS10P130xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRH VISHAY-VDRH Datasheet
248Kb / 25P
   VDR Metal Oxide Varistors High Surge
Revision: 19-Jun-15
logo
EPCOS
B72207S461K101 EPCOS-B72207S461K101 Datasheet
970Kb / 46P
   SIOV metal oxide varistors Leaded varistors, StandarD series
logo
TDK Electronics
B722 TDK-B722 Datasheet
970Kb / 46P
   SIOV metal oxide varistors, Leaded varistors, StandarD series
December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com