Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP803SN308T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP803SN308T1
Description  Very Low Supply Current 3-Pin Microprocessor Reset Monitor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP803SN308T1 Datasheet(HTML) 1 Page - ON Semiconductor

  NCP803SN308T1 Datasheet HTML 1Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 2Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 3Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 4Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 5Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 6Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 7Page - ON Semiconductor NCP803SN308T1 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2003
May, 2003 - Rev. 4
1
Publication Order Number:
NCP803/D
NCP803
Very Low Supply Current
3−Pin Microprocessor
Reset Monitor
The NCP803 is a cost-effective system supervisor circuit designed
to monitor VCC in digital systems and provide a reset signal to the host
processor when necessary. No external components are required.
The reset output is driven active within 10
µsec of V
CC falling
through the reset voltage threshold. Reset is maintained active for a
minimum of 140 msec after VCC rises above the reset threshold. The
NCP803 has an open drain active-low RESET output. The output of
the NCP803 is guaranteed valid down to VCC = 1.0 V and is available
in a SOT-23 package.
The NCP803 is optimized to reject fast transient glitches on the VCC
line. Low supply current of 1.0
µA (V
CC = 3.2 V) make this device
suitable for battery powered applications.
Features
Precision V
CC Monitor for 2.5 V, 3.0 V, 3.3 V, and 5.0 V Supplies
Precision Monitoring Voltages from 1.6 V to 4.9 V Available
in 100 mV Steps
140 msec Guaranteed Minimum RESET Output Duration
RESET Output Guaranteed to V
CC = 1.0 V
Low 1.0 µA Supply Current
V
CC Transient Immunity
Small SOT-23 Package
No External Components
Wide Operating Temperature: -40°C to 105°C
Typical Applications
Computers
Embedded Systems
Battery Powered Equipment
Critical µP Power Supply Monitoring
VCC
VCC
VCC
RESET
RESET
NCP803
GND
GND
Figure 1. Typical Application Diagram
µP
0
0
Rpull- up
C = 100 nF
SOT-23
(TO-236)
CASE 318
Device
Package
Shipping
ORDERING INFORMATION
NCP803SNxxxT1
SOT-23
3000/Tape & Reel
PIN CONFIGURATION
3
1
2
VCC
GND
RESET
SOT-23*
NOTE: *SOT-23 is equivalent to JEDEC (TO-236)
(Top View)
See general marking information in the device marking
section on page 6 of this data sheet.
DEVICE MARKING INFORMATION
xxx = Specific Device Code
M
= Monthly Date Code
MARKING
DIAGRAM
3
2
1
xxxM
2
1
3
NOTE: The “xxx” denotes a suffix for Vcc voltage threshold
options - see page 6 for more details.
http://onsemi.com


Similar Part No. - NCP803SN308T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP803SN308T1 ONSEMI-NCP803SN308T1 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN308T1 ONSEMI-NCP803SN308T1 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN308T1 ONSEMI-NCP803SN308T1 Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN308T1G ONSEMI-NCP803SN308T1G Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCP803SN308T1G ONSEMI-NCP803SN308T1G Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
More results

Similar Description - NCP803SN308T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX803 ONSEMI-MAX803_07 Datasheet
108Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
October, 2007 - Rev. 4
NCP803SN293T3G ONSEMI-NCP803SN293T3G Datasheet
52Kb / 6P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
April, 2005 ??Rev. 5
NCP803SN400T1G ONSEMI-NCP803SN400T1G Datasheet
135Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
June, 2013 ??Rev. 7
MAX803 ONSEMI-MAX803_15 Datasheet
97Kb / 10P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
August, 2015 ??Rev. 9
MAX803 ONSEMI-MAX803 Datasheet
86Kb / 9P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitor
March, 2006 ??Rev. 0
NCV809 ONSEMI-NCV809 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
August, 2014 ??Rev. 24
MAX809 ONSEMI-MAX809_10 Datasheet
177Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
April, 2010 ??Rev. 20
MAX809S ONSEMI-MAX809S_16 Datasheet
134Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
September, 2016 ??Rev. 26
MAX809 ONSEMI-MAX809_17 Datasheet
105Kb / 13P
   Very Low Supply Current 3-Pin Microprocessor Reset Monitors
November, 2017 ??Rev. 28
MAX809S ONSEMI-MAX809S_07 Datasheet
84Kb / 11P
   Very Low Supply Current 3?뭁in Microprocessor Reset Monitors
February, 2007 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com