Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRF0433 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # NRF0433
Description  Single chip 433MHz RF Transceiver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NRF0433 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  NRF0433 Datasheet HTML 1Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 2Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 3Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 4Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 5Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 6Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 7Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 8Page - List of Unclassifed Manufacturers NRF0433 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PRODUCT SPECIFICATION
nRF0433 Single chip RF Transceiver
Nordic VLSI ASA - Vestre Rosten 81, N-7075 Tiller, Norway
-
Phone +4772898900
-
Fax +4772898989
Revision: 3.2
Page 5 of 14
February 2000
IMPORTANT TIMING DATA
Power up time
The time from power is switched on until the synthesised frequency is stable is the
power up time, ton. ton is 75 ms for nRF0433. Power up time can be reduced if a stable
4MHz reference signal (eg. from the driver pin of an active micro-controller) is
available at the XC1 input when powering up the transceiver. In this case ton is 7.5 ms.
Figure 4 shows a circuit diagram of a typical application. Note that these times may
vary depending on the crystal used.
micro
controller
nRF0433
X1
X2
C1
(22pF)
C2
(22pF)
CS
XC2
XC1
5.6pF
4.0 MHz
Figure 4. nRF0433 with an external reference oscillator (example).
Power up in transmit-mode
To avoid spurious emission outside the ISM-band during power-up of nRF0433, the
TXEN-input must be kept low until the synthesised frequency is stable (ton),
see figure 5.
When enabling transmit-mode, no data should be transmitted before the TXEN-input
has been high for at least 3ms (tdata-ton).
TXEN
V
DD
D
IN
t
t
on
t
data
Figure 5. Power up timing diagram for nRF0433.


Similar Part No. - NRF0433

ManufacturerPart #DatasheetDescription
logo
Nordic Semiconductor
NRF-PPK2 NORDIC-NRF-PPK2 Datasheet
1Mb / 2P
   Current measurement tool for embedded development
logo
List of Unclassifed Man...
NRF24 ETC-NRF24 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401 ETC-NRF2401 Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401-EVKIT ETC-NRF2401-EVKIT Datasheet
850Kb / 37P
   Single chip 2.4 GHz Transceiver
NRF2401A ETC1-NRF2401A Datasheet
248Kb / 38P
   Single chip 2.4 GHz Transceiver
More results

Similar Description - NRF0433

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NRF401 ETC-NRF401 Datasheet
273Kb / 18P
   433MHz Single Chip RF Transceiver
NRF402 ETC1-NRF402 Datasheet
235Kb / 16P
   433MHz Single Chip RF Transmitter
logo
Texas Instruments
TRF6900 TI-TRF6900 Datasheet
485Kb / 34P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF5901 TI-TRF5901 Datasheet
421Kb / 30P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6901 TI-TRF6901 Datasheet
439Kb / 29P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI1-TRF6900A_08 Datasheet
511Kb / 34P
[Old version datasheet]   SINGLE- CHIP RF TRANSCEIVER
TRF6901 TI1-TRF6901_08 Datasheet
627Kb / 32P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
TRF6900A TI-TRF6900A Datasheet
513Kb / 35P
[Old version datasheet]   SINGLE-CHIP RF TRANSCEIVER
logo
List of Unclassifed Man...
GJRF400 ETC1-GJRF400 Datasheet
117Kb / 8P
   SINGLE CHIP RF TRANSCEIVER
TRW-V8-433-P ETC2-TRW-V8-433-P Datasheet
1Mb / 13P
   433MHz Wireless RF Hi Power Transceiver Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com