Electronic Components Datasheet Search |
|
VDRS14T250xyE Datasheet(PDF) 9 Page - Vishay Siliconix |
|
VDRS14T250xyE Datasheet(HTML) 9 Page - Vishay Siliconix |
9 / 20 page VDRS Series www.vishay.com Vishay BCcomponents Revision: 19-Jun-15 9 Document Number: 29081 For technical questions, contact: nlr@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 TAPED VERSION WITH KINKED LEADS (only for VDRS05 and VDRS07) TAPED VERSION WITH FLANGED LEADS (only for VDRS05 and VDRS07) TAPED VERSION WITH KINKED LEADS (only for VDRS10 and VDRS14) Notes (1) Guaranteed between component and tape (2) For VDRS14T510xSE and VDRS14T550xSE: H = 20 mm ± 1 mm T 1 t T Δh Δh A 0 P 0 P 1 D 0 L W 0 W 2 W 1 H 0 W F d D P Δp Δp L P 0 P 1 D 0 W 0 W 2 W 1 T 1 t H 0 F d D P Δp Δp T Δh Δh A 0 W TAPING DATA (based on IEC 60286-2) SYMBOL PARAMETER DIMENSIONS/TOLERANCE VDRS05 VDRS07 VDRS10 VDRS14 A max. Max. mounting height V 300 V 9.0 11.0 14.5 19.0 V > 300 V 15.0 A0 max. Max. mounting height V 320 V 11.0 13.0 16.5 21.0 V > 320 V 17.0 21.5 D max. Max. body diameter V 320 V 7.0 9.0 12.0 16.0 V > 320 V 12.5 16.5 d Lead wire diameter 0.6 ± 0.05 0.8 ± 0.05 F Lead to lead distance (1) 5.0 + 0.8/- 0.2 7.5 ± 0.8 H Distance component to tape center (2) 20.0 + 2.0/- 0.0 18.0 + 2.0/- 0.0 H0 Lead wire clinch height 16.0 or 18.25 ± 0.5 P Pitch of components on tape 12.7 ± 1.0 25.4 ± 1.0 T Total thickness See Electrical Data table T Δh Δh A 0 T 1 t P 0 P 1 D 0 F W 0 W 2 W 1 H 0 W d D P Δp Δp |
Similar Part No. - VDRS14T250xyE |
|
Similar Description - VDRS14T250xyE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |