Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH07K210xyE Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VDRH07K210xyE
Description  VDR Metal Oxide Varistors High Surge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH07K210xyE Datasheet(HTML) 5 Page - Vishay Siliconix

  VDRH07K210xyE Datasheet HTML 1Page - Vishay Siliconix VDRH07K210xyE Datasheet HTML 2Page - Vishay Siliconix VDRH07K210xyE Datasheet HTML 3Page - Vishay Siliconix VDRH07K210xyE Datasheet HTML 4Page - Vishay Siliconix VDRH07K210xyE Datasheet HTML 5Page - Vishay Siliconix VDRH07K210xyE Datasheet HTML 6Page - Vishay Siliconix VDRH07K210xyE Datasheet HTML 7Page - Vishay Siliconix VDRH07K210xyE Datasheet HTML 8Page - Vishay Siliconix VDRH07K210xyE Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
VDRH Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
5
Document Number: 29082
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) The products are certified according to (c)UL (E332800), VDE (40013495), and CSA (219883)
(2) The sinusoidal voltage is assumed as the normal operating condition. If a non-sinusoidal voltage is present, type selection should be based
on multiplying the peak voltage by a factor of 0.707.
(3) The voltage measured at 1 mA meets the requirements of IEC 61051.
The tolerance on the voltage at 1 mA is ± 10 %.
(4) High energy surges are generally of longer duration. The maximum energy for one pulse of 10 x 1000 μs is given as a reference for longer
duration pulses. This pulse can be characterised by peak current (Ip) and pulse width t2 (virtual time of half Ip value, following “IEC 60060-2,
section 6“). If Vp is the clamping voltage corresponding to Ip, the energy absorbed in the varistor is determined by the formula:
where K is dependent on the value of t2 (see Peak Current as a Function of Pulse Width drawing).
(5) A current wave of 8 x 20 μs is used as a standard for pulse current and clamping voltage ratings. The maximum non-repetitive transient
current is given for one pulse applied during the life of the component.
(6) For composition of the SAP part number:
Replace “x” by
B for bulk type
Replace “y” by S
for straight leads
T for tape and reel
K
for kinked leads (bulk only)
A for tape and ammopack
L
for kinked leads with H0 = 16 mm (tape and reel/ammo)
M
for kinked leads with H0 = 18.25 mm (tape and reel/ammo)
(7) All varistors are recognized under VZAC2/VZCA8 surge protective devices, components type 4 as specified in UL 1449 edition 3 for
operating temperatures up to 85 °C. The parts with indication type 2 or 3 SPD’s, are tested and certified to be used in type 2 or 3 SPD
applications for operating temperatures up to 85 °C. The parts with indication type 5 SPD, are tested and certified for operation up to
105 °C ambient temperature for use in type 2 SPD applications with nominal discharge current of 3 kA. The final acceptance of the
component is dependent upon its installation and use in complete equipment submitted to underwriters laboratories Inc.
460
615
750
1290
5.0
29.0
800
30
6.6
3.6 ± 0.8
4
VDRH05E460xyE
1240 10.0
58.0
1750
75
6.6
3.6 ± 0.8
4
VDRH07K460xyE
1240 25.0
115.0
3500
150
7.0
3.8 ± 0.8
3
VDRH10S460xyE
1240 50.0
230.0
6000
225
7.0
3.8 ± 0.8
2
VDRH14V460xyE
1240 100.0
440.0
10 000
450
7.5
4.1 ± 0.8
2
VDRH20X460ByE
485
640
780
1290 10.0
59.0
1750
65
6.8
3.7 ± 0.8
4
VDRH07K485xyE
1290 25.0
116.0
3500
145
7.3
3.9 ± 0.8
3
VDRH10S485xyE
1290 50.0
233.0
6000
220
7.3
3.9 ± 0.8
2
VDRH14V485xyE
1290 100.0
450.0
10 000
400
7.6
4.2 ± 0.8
2
VDRH20X485ByE
510
670
820
1355 10.0
60.0
1750
62
7.0
3.9 ± 0.8
4
VDRH07K510xyE
1355 25.0
118.0
3500
135
7.5
4.1 ± 0.8
3
VDRH10S510xyE
1355 50.0
235.0
6000
220
7.5
4.1 ± 0.8
2
VDRH14V510xyE
1355 100.0
460.0
10 000
400
7.9
4.4 ± 0.8
2
VDRH20X510ByE
550
745
910
1500 25.0
127.0
3500
120
7.9
4.5 ± 0.8
3
VDRH10S550xyE
1500 50.0
255.0
6000
180
7.9
4.5 ± 0.8
3
VDRH14V550xyE
1500 100.0
510.0
10 000
320
8.3
4.9 ± 0.8
2
VDRH20X550ByE
625
825
1000
1650 25.0
140.0
3500
105
8.4
5.0 ± 0.8
3
VDRH10S625ByE
1650 50.0
283.0
6000
165
8.4
5.0 ± 0.8
3
VDRH14V625ByE
1650 100.0
566.0
10 000
280
8.8
5.3 ± 0.8
2
VDRH20X625ByE
680
895
1100
1815 25.0
155.0
3500
80
9.8
5.4 ± 0.8
3
VDRH10S680ByE
1815 50.0
310.0
6000
150
9.8
5.4 ± 0.8
3
VDRH14V680ByE
1815 100.0
620.0
10 000
250
10.2
5.8 ± 0.8
2
VDRH20X680ByE
ELECTRICAL DATA AND ORDERING INFORMATION
MAXIMUM
CONTINUOUS
VOLTAGE
VOLTAGE (3)
at 1 mA
MAXIMUM
VOLTAGE
at STATED
CURRENT
MAXIMUM
ENERGY (4)
(10 x 1000 μs)
MAXIMUM
NON-REP.
TRANSIENT
CURRENT (5)
INRP (8 x 20 μs)
TYPICAL
CAPACITANCE
at 1 kHz
T
(max.)
E
UL 1449
ED3
SPD
TYPE (7)
CATALOG
NUMBERS (1)
RMS (2)
(V)
DC
(V)
(V)
V
(V)
I
(A)
(J)
(A)
(pF)
(mm)
(mm)
SAP (6)
EK x V
p x Ip x t2
=


Similar Part No. - VDRH07K210xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH07K210XYE VISHAY-VDRH07K210XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH07K210xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com