Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M24C64-MB3T Datasheet(PDF) 8 Page - STMicroelectronics

Part # M24C64-MB3T
Description  64Kbit and 32Kbit Serial I짼C Bus EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-MB3T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M24C64-MB3T Datasheet HTML 4Page - STMicroelectronics M24C64-MB3T Datasheet HTML 5Page - STMicroelectronics M24C64-MB3T Datasheet HTML 6Page - STMicroelectronics M24C64-MB3T Datasheet HTML 7Page - STMicroelectronics M24C64-MB3T Datasheet HTML 8Page - STMicroelectronics M24C64-MB3T Datasheet HTML 9Page - STMicroelectronics M24C64-MB3T Datasheet HTML 10Page - STMicroelectronics M24C64-MB3T Datasheet HTML 11Page - STMicroelectronics M24C64-MB3T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
M24C64, M24C32
8/26
DEVICE OPERATION
The device supports the I2C protocol. This is sum-
marized in Figure 5.. Any device that sends data
on to the bus is defined to be a transmitter, and
any device that reads the data to be a receiver.
The device that controls the data transfer is known
as the bus master, and the other as the slave de-
vice. A data transfer can only be initiated by the
bus master, which will also provide the serial clock
for synchronization. The M24Cxx device is always
a slave in all communication.
Start Condition
Start is identified by a falling edge of Serial Data
(SDA) while Serial Clock (SCL) is stable in the
High state. A Start condition must precede any
data transfer command. The device continuously
monitors (except during a Write cycle) Serial Data
(SDA) and Serial Clock (SCL) for a Start condition,
and will not respond unless one is given.
Stop Condition
Stop is identified by a rising edge of Serial Data
(SDA) while Serial Clock (SCL) is stable and driv-
en High. A Stop condition terminates communica-
tion between the device and the bus master. A
Read command that is followed by NoAck can be
followed by a Stop condition to force the device
into the Stand-by mode. A Stop condition at the
end of a Write command triggers the internal Write
cycle.
Acknowledge Bit (ACK)
The acknowledge bit is used to indicate a success-
ful byte transfer. The bus transmitter, whether it be
bus master or slave device, releases Serial Data
(SDA) after sending eight bits of data. During the
9th clock pulse period, the receiver pulls Serial
Data (SDA) Low to acknowledge the receipt of the
eight data bits.
Data Input
During data input, the device samples Serial Data
(SDA) on the rising edge of Serial Clock (SCL).
For correct device operation, Serial Data (SDA)
must be stable during the rising edge of Serial
Clock (SCL), and the Serial Data (SDA) signal
must change
only when Serial Clock (SCL) is driv-
en Low.
Memory Addressing
To start communication between the bus master
and the slave device, the bus master must initiate
a Start condition. Following this, the bus master
sends the Device Select Code, shown in Table 3.
(on Serial Data (SDA), most significant bit first).
The Device Select Code consists of a 4-bit Device
Type Identifier, and a 3-bit Chip Enable “Address”
(E2, E1, E0). To address the memory array, the 4-
bit Device Type Identifier is 1010b.
Up to eight memory devices can be connected on
a single I2C bus. Each one is given a unique 3-bit
code on the Chip Enable (E0, E1, E2) inputs.
When the Device Select Code is received, the de-
vice only responds if the Chip Enable Address is
the same as the value on the Chip Enable (E0, E1,
E2) inputs.
The 8th bit is the Read/Write bit (RW). This bit is
set to 1 for Read and 0 for Write operations.
If a match occurs on the Device Select code, the
corresponding device gives an acknowledgment
on Serial Data (SDA) during the 9th bit time. If the
device does not match the Device Select code, it
deselects itself from the bus, and goes into Stand-
by mode.
Table 6. Operating Modes
Note: 1. X =
VIH or VIL.
Mode
RW bit
WC 1
Bytes
Initial Sequence
Current Address Read
1
X
1
START, Device Select, RW = 1
Random Address Read
0X
1
START, Device Select, RW = 0, Address
1
X
reSTART, Device Select, RW = 1
Sequential Read
1
X
≥ 1
Similar to Current or Random Address Read
Byte Write
0
VIL
1
START, Device Select, RW = 0
Page Write
0
VIL
≤ 32
START, Device Select, RW = 0


Similar Part No. - M24C64-MB3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M24C64-A125 STMICROELECTRONICS-M24C64-A125 Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
M24C64-DF STMICROELECTRONICS-M24C64-DF Datasheet
465Kb / 42P
   64-Kbit serial I2C bus EEPROM
M24C64-DF STMICROELECTRONICS-M24C64-DF Datasheet
838Kb / 45P
   64-Kbit serial I짼C bus EEPROM
M24C64-DRDW3TG STMICROELECTRONICS-M24C64-DRDW3TG Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
M24C64-DRDW3TP STMICROELECTRONICS-M24C64-DRDW3TP Datasheet
608Kb / 40P
   Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
More results

Similar Description - M24C64-MB3T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM24C32 HMSEMI-HM24C32 Datasheet
813Kb / 16P
   32Kbit and 64Kbit Serial IC bus EEPROM
logo
STMicroelectronics
M95640 STMICROELECTRONICS-M95640 Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
logo
Sanyo Semicon Device
LE25LA322 SANYO-LE25LA322 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
LE25LB642CT SANYO-LE25LB642CT Datasheet
372Kb / 14P
   Serial SPI EEPROM (SPI Bus)(64Kbit)
logo
STMicroelectronics
M95640-S STMICROELECTRONICS-M95640-S Datasheet
768Kb / 42P
   32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
   Serial SPI EEPROM (SPI Bus) (64Kbit)
logo
Asahi Kasei Microsystem...
AK6514C AKM-AK6514C Datasheet
131Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE25CA322 SANYO-LE25CA322 Datasheet
223Kb / 14P
   Serial SPI EEPROM (SPI Bus) (32Kbit)
logo
Asahi Kasei Microsystem...
AK6512CA AKM-AK6512CA Datasheet
130Kb / 17P
   SPI bus 64Kbit Serial CMOS EEPROM
AK6510C AKM-AK6510C_05 Datasheet
135Kb / 18P
   SPI bus 64Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com