Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH10S275xyE Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VDRH10S275xyE
Description  VDR Metal Oxide Varistors High Surge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH10S275xyE Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button VDRH10S275xyE Datasheet HTML 5Page - Vishay Siliconix VDRH10S275xyE Datasheet HTML 6Page - Vishay Siliconix VDRH10S275xyE Datasheet HTML 7Page - Vishay Siliconix VDRH10S275xyE Datasheet HTML 8Page - Vishay Siliconix VDRH10S275xyE Datasheet HTML 9Page - Vishay Siliconix VDRH10S275xyE Datasheet HTML 10Page - Vishay Siliconix VDRH10S275xyE Datasheet HTML 11Page - Vishay Siliconix VDRH10S275xyE Datasheet HTML 12Page - Vishay Siliconix VDRH10S275xyE Datasheet HTML 13Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
VDRH Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
9
Document Number: 29082
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGING
VARISTORS ON TAPE AND REEL
TYPE
VDRH05....
Ø 5 mm
11 V to 460 V
VDRH07....
Ø 7 mm
11 V to 510 V
VDRH10....
Ø 10 mm
11 V to 680 V
VDRH14....
Ø 14 mm
11 V to 680 V
Straight leads
H = 18 mm
-
-
TSE
TSE
H = 20 mm
TSE
TSE
-
-
See drawing: taped version with straight leads
Kinked leads
H0 = 18.25 mm
TME
TME
TME
TME
H0 = 16 mm
TLE
TLE
TLE
TLE
See drawing: taped version with kinked leads
Packaging quantities
14 V to 250 V
1500
1500
1000
750
275 V to 300 V
1500
1500
750
750
320 V to 350 V
1000
1000
500
500
385 V to max. V
1000
1000
500
500
T
Δh
Δh
A
T
1
t
L
P
0
P
1
D
0
F
d
D
P
Δp
Δp
W
0
W
2
W
1
H
W
TAPED VERSION WITH STRAIGHT LEADS (only for VDRH05 and VDRH07)
T
Δh
Δh
A
T
1
t
P
0
P
1
D
0
F
d
D
P
Δp
Δp
W
0
W
2
W
1
H
W
TAPED VERSION WITH STRAIGHT LEADS (only for VDRH10 and VDRH14)


Similar Part No. - VDRH10S275xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH10S275XYE VISHAY-VDRH10S275XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH10S275xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com