Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSC800N Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # NSC800N
Description  NSC800TM High-Performance Low-Power CMOS Microprocessor
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSC800N Datasheet(HTML) 3 Page - National Semiconductor (TI)

  NSC800N Datasheet HTML 1Page - National Semiconductor (TI) NSC800N Datasheet HTML 2Page - National Semiconductor (TI) NSC800N Datasheet HTML 3Page - National Semiconductor (TI) NSC800N Datasheet HTML 4Page - National Semiconductor (TI) NSC800N Datasheet HTML 5Page - National Semiconductor (TI) NSC800N Datasheet HTML 6Page - National Semiconductor (TI) NSC800N Datasheet HTML 7Page - National Semiconductor (TI) NSC800N Datasheet HTML 8Page - National Semiconductor (TI) NSC800N Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
10 Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature
b
65 Cto a150 C
Voltage on Any Pin
with Respect to Ground
b
03V to VCC a03V
Maximum VCC
7V
Power Dissipation
1W
Lead Temp (Soldering 10 seconds)
300 C
20 Operating Conditions
NSC800-1
x TA e 0 Cto a70 C
TA eb40 Cto a85 C
NSC800-3
x TA e 0 Cto a70 C
TA eb40 Cto a85 C
TA eb55 Cto a125 C
NSC800-35883C
x TA eb55 Cto a125 C
NSC800-4
x TA e 0 Cto a70 C
TA eb40 Cto a85 C
NSC800-4MIL
x TA eb55 Cto a90 C
30 DC Electrical Characteristics VCC e 5V g10% GND e 0V unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
Logical 1 Input Voltage
08 VCC
VCC
V
VIL
Logical 0 Input Voltage
0
02 VCC
V
VHY
Hysteresis at RESET IN input
VCC e 5V
025
05
V
VOH1
Logical 1 Output Voltage
IOUT eb10 mA
24
V
VOH2
Logical 1 Output Voltage
IOUT eb10 mAVCC b05
V
VOL1
Logical 0 Output Voltage
IOUT e 2 mA
0
04
V
VOL2
Logical 0 Output Voltage
IOUT e 10 mA
0
01
V
IIL
Input Leakage Current
0 s VIN s VCC
b
100
100
m
A
IOL
Output Leakage Current
0 s VIN s VCC
b
100
100
m
A
ICC
Active Supply Current
IOUT e 0 f(XIN) e 2 MHz TA e 25 C
8
11
mA
ICC
Active Supply Current
IOUT e 0 f(XIN) e 5 MHz TA e 25 C10
15
mA
ICC
Active Supply Current
IOUT e 0 f(XIN) e 7 MHz
15
21
mA
TA e 25 C
ICC
Active Supply Current
IOUT e 0 f(XIN) e 8 MHz TA e 25 C15
21
mA
IQ
Quiescent Current
IOUT e 0 PS e 0 VIN e 0orVIN e VCC
25
mA
f(XIN) e 0 MHz TA e 25 C XIN e 0 CLK e 1
IPS
Power-Save Current
IOUT e 0 PS e 0 VIN e 0orVIN e VCC
57
mA
f(XIN) e 50 MHz TA e 25
CIN
Input Capacitance
610
pF
COUT
Output Capacitance
812
pF
VCC
Power Supply Voltage
(Note 2)
24
5
6
V
Note 1
Absolute Maximum Ratings indicate limits beyond which permanent damage may occur Continuous operation at these limits is not intended and should be
limited to those conditions specified under DC Electrical Characteristics
Note 2
CPU operation at lower voltages will reduce the maximum operating speed Operation at voltages other than 5V g10% is guaranteed by design not
tested
3


Similar Part No. - NSC800N

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NSC810AD-1I/883 NSC-NSC810AD-1I/883 Datasheet
781Kb / 21P
   NSC810A RAM -I/O - TIMER
NSC810AD-1I/A NSC-NSC810AD-1I/A Datasheet
781Kb / 21P
   NSC810A RAM -I/O - TIMER
NSC810AD-1M/883 NSC-NSC810AD-1M/883 Datasheet
781Kb / 21P
   NSC810A RAM -I/O - TIMER
NSC810AD-1M/A NSC-NSC810AD-1M/A Datasheet
781Kb / 21P
   NSC810A RAM -I/O - TIMER
NSC810AD-3I/883 NSC-NSC810AD-3I/883 Datasheet
781Kb / 21P
   NSC810A RAM -I/O - TIMER
More results

Similar Description - NSC800N

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BEGV627M BOLYMIN-BEGV627M_17 Datasheet
1,020Kb / 1P
   High Performance Low power Pic 16-bit microprocessor
BEGV641A BOLYMIN-BEGV641A_17 Datasheet
1Mb / 1P
   High performance, Low power AVR 8-bit microprocessor
BEGV639M BOLYMIN-BEGV639M_17 Datasheet
3Mb / 1P
   High Performance Low power Pic 16-bit microprocessor
BEGV643A BOLYMIN-BEGV643A_17 Datasheet
2Mb / 1P
   High performance, Low power AVR 8-bit microprocessor
BEGV606M BOLYMIN-BEGV606M_17 Datasheet
939Kb / 1P
   High Performance Low power Pic 16-bit microprocessor
logo
List of Unclassifed Man...
20-668-0011 ETC2-20-668-0011 Datasheet
967Kb / 2P
   Rabbit 3000 Microprocessor Low EMI, High Performance
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
ELAN Microelectronics C...
LEM78P153 EMC-LEM78P153 Datasheet
1Mb / 19P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156E EMC-EM78P156E Datasheet
141Kb / 28P
   8-bit microprocessor with low-power and high-speed CMOS technology
EM78P156EH EMC-EM78P156EH Datasheet
344Kb / 39P
   8-bit microprocessor with low-power and high-speed CMOS technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com