Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VDRH05E460xyE Datasheet(PDF) 10 Page - Vishay Siliconix

Part # VDRH05E460xyE
Description  VDR Metal Oxide Varistors High Surge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VDRH05E460xyE Datasheet(HTML) 10 Page - Vishay Siliconix

Back Button VDRH05E460xyE Datasheet HTML 6Page - Vishay Siliconix VDRH05E460xyE Datasheet HTML 7Page - Vishay Siliconix VDRH05E460xyE Datasheet HTML 8Page - Vishay Siliconix VDRH05E460xyE Datasheet HTML 9Page - Vishay Siliconix VDRH05E460xyE Datasheet HTML 10Page - Vishay Siliconix VDRH05E460xyE Datasheet HTML 11Page - Vishay Siliconix VDRH05E460xyE Datasheet HTML 12Page - Vishay Siliconix VDRH05E460xyE Datasheet HTML 13Page - Vishay Siliconix VDRH05E460xyE Datasheet HTML 14Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
VDRH Series
www.vishay.com
Vishay BCcomponents
Revision: 19-Jun-15
10
Document Number: 29082
For technical questions, contact: nlr@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPED VERSION WITH KINKED LEADS
(only for VDRH05 and VDRH07)
TAPED VERSION WITH KINKED LEADS
(only for VDRH10 and VDRH14)
Notes
(1) Guaranteed between component and tape
(2) For VDRH14V510xSE and VDRH14V550xSE: H = 20 mm ± 1 mm
T
1
t
T
Δh
Δh
A
0
P
0
P
1
D
0
L
W
0
W
2
W
1
H
0
W
F
d
D
P
Δp
Δp
T
Δh
Δh
A
0
T
1
t
P
0
P
1
D
0
F
W
0
W
2
W
1
H
0
W
d
D
P
Δp
Δp
TAPING DATA (based on IEC 60286-2)
SYMBOL
PARAMETER
DIMENSIONS/TOLERANCE
VDRH05
VDRH07
VDRH10
VDRH14
A max.
Max. mounting
height
V
 300 V
9.0
11.0
14.5
19.0
V > 300 V
15.0
A0 max.
Max. mounting
height
V
 320 V
11.0
13.0
16.5
21.0
V > 320 V
17.0
21.5
D max.
Max. body diameter
V
 320 V
7.0
9.0
12.0
16.0
V > 320 V
12.5
16.5
d
Lead wire diameter
0.6 ± 0.05
0.8 ± 0.05
F
Lead to lead distance (1)
5.0 + 0.8/- 0.2
7.5 ± 0.8
H
Distance component to tape center (2)
20.0 + 2.0/- 0.0
18.0 + 2.0/- 0.0
H0
Lead wire clinch height
16.0 or 18.25 ± 0.5
P
Pitch of components on tape
12.7 ± 1.0
25.4 ± 1.0
T
Total thickness
See Electrical Data table


Similar Part No. - VDRH05E460xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH05E460XYE VISHAY-VDRH05E460XYE Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
More results

Similar Description - VDRH05E460xyE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VDRH VISHAY-VDRH_V01 Datasheet
228Kb / 25P
   VDR Metal Oxide Varistors High Surge
01-Jan-2022
VDRH10G040BKE VISHAY-VDRH10G040BKE Datasheet
245Kb / 20P
   VDR Metal Oxide Varistors High Surge
Revision: 29-Oct-12
VDRS VISHAY-VDRS_V01 Datasheet
212Kb / 20P
   VDR Metal Oxide Varistors Standard
01-Jan-2022
46500 VISHAY-46500 Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS14T275BSE VISHAY-VDRS14T275BSE Datasheet
689Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 24-Jun-09
VDRS14T175TSE VISHAY-VDRS14T175TSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS07B035BSE VISHAY-VDRS07B035BSE Datasheet
255Kb / 18P
   VDR Metal Oxide Varistors Standard
Revision: 07-Jun-10
VDRS VISHAY-VDRS Datasheet
228Kb / 20P
   VDR Metal Oxide Varistors Standard
Revision: 19-Jun-15
VDRUS VISHAY-VDRUS Datasheet
179Kb / 15P
   VDR Metal Oxide Varistors Ultra Surge High Operating Temperature 125 °C
01-Jan-2022
logo
List of Unclassifed Man...
CNR-07D241K ETC1-CNR-07D241K Datasheet
1Mb / 24P
   METAL OXIDE VARISTORS TRANSIENT / SURGE ABSORBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com