Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP511SN33T1G Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCP511SN33T1G
Description  150 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP511SN33T1G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCP511SN33T1G Datasheet HTML 4Page - ON Semiconductor NCP511SN33T1G Datasheet HTML 5Page - ON Semiconductor NCP511SN33T1G Datasheet HTML 6Page - ON Semiconductor NCP511SN33T1G Datasheet HTML 7Page - ON Semiconductor NCP511SN33T1G Datasheet HTML 8Page - ON Semiconductor NCP511SN33T1G Datasheet HTML 9Page - ON Semiconductor NCP511SN33T1G Datasheet HTML 10Page - ON Semiconductor NCP511SN33T1G Datasheet HTML 11Page - ON Semiconductor NCP511SN33T1G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
NCP511
http://onsemi.com
10
ORDERING INFORMATION
Device
Nominal
Output Voltage
Marking
Package
Shipping
NCP511SN15T1
NCP511SN15T1G
1.5
1.5
LBU
LBU
NCP511SN15T1G
NCP511SN18T1
NCP511SN18T1G
1.5
1.8
1.8
LBU
LBV
LBV
NCP511SN18T1G
NCP511SN25T1
NCP511SN25T1G
1.8
2.5
2.5
LBV
LBW
LBW
NCP511SN25T1G
NCP511SN27T1
NCP511SN27T1G
2.5
2.7
2.7
LBW
LBX
LBX
TSOP 5
3000 Units/
NCP511SN27T1G
NCP511SN28T1
NCP511SN28T1G
2.7
2.8
2.8
LBX
LBY
LBY
TSOP−5
3000 Units/
7
″ Tape & Reel
NCP511SN30T1
NCP511SN30T1G
3.0
3.0
LBY
LBZ
LBZ
NCP511SN33T1
NCP511SN33T1G
3.3
3.3
LBZ
LCA
LCA
NCP511SN50T1
NCP511SN50T1G
5.0
5.0
LCB
LCB
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
NOTE:
Additional voltages in 100 mV steps are available upon request by contacting your ON Semiconductor representative.


Similar Part No. - NCP511SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP511SN33T1G ONSEMI-NCP511SN33T1G Datasheet
94Kb / 11P
   150 mA CMOS Low Iq Low?묭ropout Voltage Regulator
February, 2006 ??Rev. 10
NCP511SN33T1G ONSEMI-NCP511SN33T1G Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
More results

Similar Description - NCP511SN33T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
NCP551 ONSEMI-NCP551 Datasheet
89Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2004 ??Rev. 9
NCP561SN30T1G ONSEMI-NCP561SN30T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCP561 ONSEMI-NCP561 Datasheet
71Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2004 ??Rev. 4
NCP511 ONSEMI-NCP511_15 Datasheet
106Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
April, 2015 ??Rev. 13
NCP551 ONSEMI-NCP551_16 Datasheet
103Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2016 ??Rev. 19
NCP551 ONSEMI-NCP551_14 Datasheet
107Kb / 12P
   150 mA CMOS Low Iq Low-Dropout Voltage Low-Dropout Voltage
June, 2014 ??Rev. 18
NCV8152 ONSEMI-NCV8152 Datasheet
974Kb / 17P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
April, 2015 ??Rev. 1
NCP152 ONSEMI-NCP152_14 Datasheet
972Kb / 18P
   Dual 150 mA, Low IQ, Low Dropout Voltage Regulator
September, 2014 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com