Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T528Z337M2R5ATE009 Datasheet(PDF) 1 Page - Kemet Corporation

Part # T528Z337M2R5ATE009
Description  T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T528Z337M2R5ATE009 Datasheet(HTML) 1 Page - Kemet Corporation

  T528Z337M2R5ATE009_16 Datasheet HTML 1Page - Kemet Corporation T528Z337M2R5ATE009_16 Datasheet HTML 2Page - Kemet Corporation T528Z337M2R5ATE009_16 Datasheet HTML 3Page - Kemet Corporation T528Z337M2R5ATE009_16 Datasheet HTML 4Page - Kemet Corporation T528Z337M2R5ATE009_16 Datasheet HTML 5Page - Kemet Corporation T528Z337M2R5ATE009_16 Datasheet HTML 6Page - Kemet Corporation T528Z337M2R5ATE009_16 Datasheet HTML 7Page - Kemet Corporation T528Z337M2R5ATE009_16 Datasheet HTML 8Page - Kemet Corporation T528Z337M2R5ATE009_16 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2018_T528 • 9/8/2016
1
One world. One KEMET
Benefits
• Low ESL <0.7 nH at 20 MHz
• Improvedvolumetricefficiency
• Highfrequencycapacitanceretention
• 100%acceleratedsteadystateaging
• 100% surge current tested
• EIA standard case sizes
• Halogen-freeEpoxy/RoHSCompliant
• Leadfree260°Creflowcapable
Overview
The KEMET Organic Capacitor (KO-CAP) is a solid
electrolyticcapacitorwithaconductivepolymercathode
capableofdeliveringverylowESRandimproved
capacitance retention at high frequencies. KO-CAP
combinesthelowESRofmultilayerceramic,thehigh
capacitanceofaluminumelectrolyticandthevolumetric
efficiencyoftantalumintoasinglesurfacemountpackage.
Unlikeliquidelectrolyte-basedcapacitors,KO-CAP
hasaverylongoperationallifeandhighripplecurrent
capabilities.
TheT528LowESLFacedownTerminalPolymerElectrolytic
combinesultra-lowESRandhighcapacitanceinapackage
design that offers the lowest ESL in the market. This
series offers exceptional performance for high-speed
microprocessor, FPGA or ASIC decoupling designs. The
T528 Series utilizes a unique termination design that allows
for a reduction in the inductance loop area and comes in a
lowprofile1.7mmcaseheight.Thiscapacitorseriesoffers
improved capacitance retention at frequencies of up to 1
MHz.
KEMET Organic Capacitor (KO-CAP®) – Miniature
T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
Applications
Typicalapplicationsincludehighspeedserver,microprocessordecouplingandhighripplecurrentapplications.
Environmental Compliance
RoHSCompliant(6/6)accordingtoDirective2002/95/ECwhenorderedwith100%SnorNi-Pd-Au.
K-SIM
Foradetailedanalysisofspecificpartnumbers,pleasevisitksim.kemet.comtoaccessKEMET’sK-SIMsoftware.KEMET
K-SIMisdesignedtosimulatebehaviorofcomponentswithrespecttofrequency,ambienttemperature,andDCbiaslevels.
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - T528Z337M2R5ATE009_16

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009_17 Datasheet
1Mb / 15P
   T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
More results

Similar Description - T528Z337M2R5ATE009_16

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T528Z337M2R5ATE009 KEMET-T528Z337M2R5ATE009_17 Datasheet
1Mb / 15P
   T528 Low ESL Polymer Electrolytic for CPU/GPU Decoupling
T528K157M006ATE150 KEMET-T528K157M006ATE150 Datasheet
122Kb / 1P
   Polymer FaceDown, Low ESR, Low ESL
logo
Richtek Technology Corp...
RT8152C RICHTEK-RT8152C Datasheet
406Kb / 24P
   Single-Phase PWM Controller for CPU / GPU Core Power Supply
RT8167B RICHTEK-RT8167B Datasheet
576Kb / 38P
   Dual Single-Phase PWM Controller for CPU and GPU Core Power Supply
logo
Maxim Integrated Produc...
MAX77874 MAXIM-MAX77874 Datasheet
1Mb / 37P
   16A High-Performance Quad-Phase Buck Regulator for Multicore CPU and GPU Processors
Rev 0; 11/16
logo
Cornell Dubilier Electr...
HZA-V CDE-HZA-V Datasheet
788Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
TDK Electronics
MLZ1608A2R2WT TDK-MLZ1608A2R2WT Datasheet
190Kb / 11P
   Inductors for Decoupling Circuits
logo
Cornell Dubilier Electr...
HZC-V CDE-HZC-V Datasheet
793Kb / 6P
   SMT Hybrid Polymer-Aluminum Electrolytic Capacitors For fi ltering, Bypassing and Power Supply Decoupling with Long Life Requirements
logo
Murata Manufacturing Co...
LLA315R70J225MA14 MURATA1-LLA315R70J225MA14 Datasheet
639Kb / 22P
   Low ESL Chip Monolithic Ceramic Capacitor for General
Sep.12,2016
logo
TDK Electronics
NLC565050T-331K-PF TDK-NLC565050T-331K-PF Datasheet
171Kb / 16P
   Inductors for Decoupling Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com