Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R475I21000002K Datasheet(PDF) 9 Page - Kemet Corporation

Part # R475I21000002K
Description  R47 Series, Class X2, 520 VAC (Automotive Grade)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R475I21000002K Datasheet(HTML) 9 Page - Kemet Corporation

Back Button R475I21000002K Datasheet HTML 5Page - Kemet Corporation R475I21000002K Datasheet HTML 6Page - Kemet Corporation R475I21000002K Datasheet HTML 7Page - Kemet Corporation R475I21000002K Datasheet HTML 8Page - Kemet Corporation R475I21000002K Datasheet HTML 9Page - Kemet Corporation R475I21000002K Datasheet HTML 10Page - Kemet Corporation R475I21000002K Datasheet HTML 11Page - Kemet Corporation R475I21000002K Datasheet HTML 12Page - Kemet Corporation R475I21000002K Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3008_R47_X2_520 • 6/9/2016
9
Metallized Polypropylene Film EMI Suppression Capacitors
R47 Series, Class X2, 520 VAC, 85ºC (Automotive Grade)
Soldering Process cont'd
Selective Soldering Recommendations
Selectivedipsolderingisavariationofreflowsoldering.Inthismethod,theprintedcircuitboardwiththrough-holecomponentstobe
solderedispreheatedandtransportedoverthesolderbathasinnormalflowsolderingwithouttouchingthesolder.Whentheboardis
over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected
components, and pressed against the lower surface of the board to solder the components.
Thetemperatureprofileforselectivesolderingissimilartothedoublewaveflowsolderingoutlinedinthisdocument,however, instead
of two baths, there is only one bath with a time from 3 to 10 seconds. In selective soldering, the risk of overheating is greater than
indoublewaveflowsoldering,andgreatcaremustbetakensothatthepartsarenotoverheated.
Marking
• KEMET logo
• Series
• Capacitance
• Capacitance tolerance
• Rated voltage
• Capacitor class
• Approval marks
• Manufacturing date code
• IEC climatic category
• Passiveflammabilityclass
• Manufacturing plant
Manufacturing Date Code (IEC 60062)
Y = Year, Z = Month
Year
Code
Month
Code
2000
M
January
1
2001
N
February
2
2002
P
March
3
2003
R
April
4
2004
S
May
5
2005
T
June
6
2006
U
July
7
2007
V
August
8
2008
W
September
9
2009
X
October
O
2010
A
November
N
2011
B
December
D
2012
C
2013
D
2014
E
2015
F
2016
H
2017
J
2018
K
2019
L
2020
M


Similar Part No. - R475I21000002K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R475I21000002K KEMET-R475I21000002K Datasheet
3Mb / 15P
   Metallized Polypropylene Film EMI Suppression Capacitors
More results

Similar Description - R475I21000002K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R533I347000P0M KEMET-R533I347000P0M Datasheet
1Mb / 17P
   R53 (Miniature), THB Grade IIIB, Class X2, 310 VAC, 110째C (Automotive Grade)
R53BI31000000MC-SPEC KEMET-R53BI31000000MC-SPEC Datasheet
1Mb / 20P
   R53B, THB Grade IIIB, Class X2, 350 VAC, 125°C (Automotive Grade)
1/11/2022
R46KN322000H1M KEMET-R46KN322000H1M Datasheet
1Mb / 16P
   R46 Series, Class X2, 275 VAC
F862BC104M310Z KEMET-F862BC104M310Z Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F862BC104M310C KEMET-F862BC104M310C_16 Datasheet
1Mb / 14P
   F862 Series Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
F863BC104M310A KEMET-F863BC104M310A Datasheet
1Mb / 15P
   F863 Metallized Polypropylene Film for Harsh Environmental Conditions, Class X2, 310 VAC (Automotive Grade)
R46KI322000M2K KEMET-R46KI322000M2K Datasheet
3Mb / 16P
   R46 Series, Class X2, 275 VAC, 110C
R46KI347000P0M KEMET-R46KI347000P0M Datasheet
1Mb / 17P
   R46 (Miniature) Series, Class X2, 275 VAC
R463N322000H1M KEMET-R463N322000H1M Datasheet
901Kb / 18P
   R46, Class X2, 310 VAC, 125째C
1/13/2022
F861BC104M310C KEMET-F861BC104M310C Datasheet
2Mb / 19P
   Metallized Polypropylene Film, Class X2, 310 VAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com