Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R79GC2390AA45J Datasheet(PDF) 9 Page - Kemet Corporation

Part # R79GC2390AA45J
Description  R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R79GC2390AA45J Datasheet(HTML) 9 Page - Kemet Corporation

Back Button R79GC2390AA45J Datasheet HTML 5Page - Kemet Corporation R79GC2390AA45J Datasheet HTML 6Page - Kemet Corporation R79GC2390AA45J Datasheet HTML 7Page - Kemet Corporation R79GC2390AA45J Datasheet HTML 8Page - Kemet Corporation R79GC2390AA45J Datasheet HTML 9Page - Kemet Corporation R79GC2390AA45J Datasheet HTML 10Page - Kemet Corporation R79GC2390AA45J Datasheet HTML 11Page - Kemet Corporation R79GC2390AA45J Datasheet HTML 12Page - Kemet Corporation R79GC2390AA45J Datasheet HTML 13Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
F3107_R79 • 4/7/2016
9
Film Capacitors – Polypropylene Pulse/High Frequency Capacitors
R79 Series Single Metallized Polypropylene Film, Radial, 5 mm Lead Spacing, Multipurpose Applications
Manual Soldering Recommendations
Following is the recommendation for manual
soldering with a soldering iron.
The soldering iron tip temperature should be set
at350°C(+10°Cmaximum)withthesoldering
duration not to exceed more than 3 seconds.
Recommended Soldering Temperature
0
50
100
150
200
250
300
350
400
0
1
2
3
4
5
6
7
8
Soldering time (sec)
Soldering Process
The implementation of the RoHS directive has resulted in the selection of SnAgCu (SAC) alloys or SnCu alloys as primary solder. This has
increased the liquidus temperature from that of 183ºC for SnPb eutectic alloy to 217 – 221ºC for the new alloys. As a result, the heat stress
to the components, even in wave soldering, has increased considerably due to higher pre-heat and wave temperatures. Polypropylene
capacitors are especially sensitive to heat (the melting point of polypropylene is 160 – 170ºC). Wave soldering can be destructive, especially
for mechanically small polypropylene capacitors (with lead spacing of 5 mm to 15 mm), and great care has to be taken during soldering. The
recommendedsolderprofilesfromKEMETshouldbeused.PleaseconsultKEMETwithanyquestions.Ingeneral,thewavesolderingcurve
from IEC Publication 61760-1 Edition 2 serves as a solid guideline for successful soldering. Please see Figure 1.
Reflowsolderingisnotrecommendedforthrough-holefilmcapacitors.Exposingcapacitorstoasolderingprofileinexcessoftheabovethe
recommended limits may result to degradation or permanent damage to the capacitors.
Do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. Insert through-
holepartsafterthecuringofsurfacemountparts.ConsultKEMETtodiscusstheactualtemperatureprofileintheoven,ifthrough-hole
components must pass through the adhesive curing process. A maximum two soldering cycles is recommended. Please allow time for the
capacitor surface temperature to return to a normal temperature before the second soldering cycle.
Wave Soldering Recommendations
0
50
100
150
200
250
300
0
40
80
120
160
200
240
Time (s)
ca 2°C/s
ca 3.5°C/s typical
ca 5°C/s
Cooling
2+3s max
115°C max
Tpreheat
ΔT <150°C
100°C
Preheating
Typical
First wave
Second wave
260°C


Similar Part No. - R79GC2390AA45J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R79GC3100Z340J KEMET-R79GC3100Z340J Datasheet
56Kb / 1P
   Capacitor, film, 0.1 uF, /-5% Tol, -55/105C, General Purpose, 160 VDC@85C, Lead Spacing=5 mm
R79GC3220Z340J KEMET-R79GC3220Z340J Datasheet
56Kb / 1P
   Capacitor, film, 0.22 uF, /-5% Tol, -55/105C, General Purpose, 160 VDC@85C, Lead Spacing=5 mm
More results

Similar Description - R79GC2390AA45J

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R71MF2100AA00J KEMET-R71MF2100AA00J Datasheet
2Mb / 21P
   R71 Series Single Metallized Polypropylene Film, Radial, SMPS PFC Applications
R79IC2330AA45J KEMET-R79IC2330AA45J Datasheet
54Kb / 1P
   R79, Film, Metallized Polypropylene, Commercial Grade, 0.033 uF, 5%, 250 V, 85C, Lead Spacing = 5mm
R79MC2470CK40J KEMET-R79MC2470CK40J Datasheet
59Kb / 1P
   R79, Film, Metallized Polypropylene, Commercial Grade, 0.047 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
R79IC2220Z345J KEMET-R79IC2220Z345J_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R79, 0.022 uF, 5%, 250 V, 85C, Lead Spacing = 5mm
R79MC2220Z340J KEMET-R79MC2220Z340J_17 Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Commercial Grade, R79, 0.022 uF, 5%, 400 V, 85C, Lead Spacing = 5mm
logo
Illinois Capacitor, Inc...
102PPB202K ILLINOISCAPACITOR-102PPB202K_13 Datasheet
554Kb / 3P
   Radial leaded metallized polypropylene film capacitors for Pulse applications
logo
Kemet Corporation
R75PN2820AA30K KEMET-R75PN2820AA30K Datasheet
722Kb / 26P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75PN2820AA30K KEMET-R75PN2820AA30K_16 Datasheet
1Mb / 27P
   R75 Series Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
R75 KEMET-R75 Datasheet
2Mb / 34P
   R75, Single Metallized Polypropylene Film, Radial, DC and Pulse Applications (Automotive Grade)
3/26/2021
logo
Illinois Capacitor, Inc...
103MPR400K ILLINOISCAPACITOR-103MPR400K_13 Datasheet
200Kb / 2P
   Radial leaded metallized polypropylene film capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com