Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKT5616A Datasheet(PDF) 7 Page - International Rectifier

Part # IRKT5616A
Description  THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKT5616A Datasheet(HTML) 7 Page - International Rectifier

Back Button IRKT5616A Datasheet HTML 2Page - International Rectifier IRKT5616A Datasheet HTML 3Page - International Rectifier IRKT5616A Datasheet HTML 4Page - International Rectifier IRKT5616A Datasheet HTML 5Page - International Rectifier IRKT5616A Datasheet HTML 6Page - International Rectifier IRKT5616A Datasheet HTML 7Page - International Rectifier IRKT5616A Datasheet HTML 8Page - International Rectifier IRKT5616A Datasheet HTML 9Page - International Rectifier IRKT5616A Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRK.41, .56 Series
7
Bulletin I27131 rev. G 10/02
www.irf.com
Fig. 11 - Current Ratings Characteristics
Fig. 10 - Current Ratings Characteristics
70
80
90
100
110
120
130
0
10
20
30
40506070
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Angle
IRK.56.. Series
R
(DC) = 0.40 K/W
thJC
70
80
90
100
110
120
130
0
20406080
100
DC
30°
60°
90°
120°
180°
Average On-state Current (A)
Conduction Period
IRK.56.. Series
R
(DC) = 0.40 K/W
thJC
Fig. 14 - Maximum Non-Repetitive Surge Current
Fig. 15 - Maximum Non-Repetitive Surge Current
Fig. 13 - On-state Power Loss Characteristics
Fig. 12 - On-state Power Loss Characteristics
0
20
40
60
80
100
120
0
20
40
60
80
100
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average On-state Current (A)
IRK.56.. Series
Per Junction
T = 125°C
J
0
10
20
30
40
50
60
70
80
90
0
1020
30405060
180°
120°
90°
60°
30°
RMS Limit
Conduction Angle
Average On-state Current (A)
IRK.56.. Series
Per Junction
T = 125°C
J
500
600
700
800
900
1000
1100
1200
1
10
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 125°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
J
IRK.56.. Series
Per Junction
400
600
800
1000
1200
1400
0.01
0.1
1
Pulse Train Duration (s)
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration. Control
Initial T = 125°C
No Voltage Reapplied
Rated V
Reapplied
Of Conduction May Not Be Maintained.
J
RRM
IRK.56.. Series
Per Junction


Similar Part No. - IRKT5616A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKT500 IRF-IRKT500 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
logo
Insel Rectifier India P...
IRKT500 IRI-IRKT500 Datasheet
1Mb / 5P
   POWER MODULE
logo
International Rectifier
IRKT500-08 IRF-IRKT500-08 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKT500-12 IRF-IRKT500-12 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
IRKT500-14 IRF-IRKT500-14 Datasheet
97Kb / 8P
   SUPER MAGN-A-pak Power Modules
More results

Similar Description - IRKT5616A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
NKT1000 NELLSEMI-NKT1000 Datasheet
673Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
logo
International Rectifier
IRKT26 IRF-IRKT26 Datasheet
146Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT71 IRF-IRKT71 Datasheet
319Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT136 IRF-IRKT136 Datasheet
381Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com