Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ROKIT Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # ROKIT
Description  RO Mounting Hardware
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

ROKIT Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  ROKIT Datasheet HTML 1Page - Pulse A Technitrol Company ROKIT Datasheet HTML 2Page - Pulse A Technitrol Company ROKIT Datasheet HTML 3Page - Pulse A Technitrol Company ROKIT Datasheet HTML 4Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Description: RO Mounting Hardware
PART NUMBER: ROKIT
Series: Kit
Issue:1651
In the effort to improve our products, we reserve the right to make changes judged to be necessary.
CONFIDENTIAL AND PROPRIETARY INFORMATION
This document contains confidential and proprietary information of Pulse Electronics, Inc. (Pulse) and is protected by copyright, trade secret and other state and federal laws.
Its receipt or possession does not convey any rights to reproduce, disclose its contents, or to manufacture, use or sell anything it may describe. Reproduction, disclosure or
use without specific written authorization of Pulse is strictly forbidden.
For more information:
Pulse Worldwide Headquarters
Pulse/Larsen Antennas
Europe Headquarters
Pulse (Suzhou) Wireless Products Co, Inc.
12220 World Trade Drive
18110 SE 34th St Bldg 2 Suite 250
Pulse GmbH & Do, KG
99 Huo Ju Road(#29 Bldg,4th Phase
San Diego, CA 92128
Vancouver, WA 98683
Zeppelinstrasse 15
Suzhou New District
USA
USA
Herrenberg, Germany
Jiangsu Province, Suzhou 215009 PR China
Tel:1-858-674-8100
Tel: 1-360-944-7551
-
Tel: 49 7032 7806 0
Tel: 86 512 6807 9998
Features:
Applications:
All dimensions are in mm / inches
• Material:ADC12
• Pole diameter: 1-2.12” (25.4-
54mm)
• Weight 231.4 g
• Radome Omni antenna pole
mounting accessory kit
1


Similar Part No. - ROKIT

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ROK-186MH MINI-ROK-186MH Datasheet
240Kb / 2P
   Frequency Mixer
ROK-186MH++ MINI-ROK-186MH+ Datasheet
240Kb / 2P
   Frequency Mixer
ROK-2500LH MINI-ROK-2500LH Datasheet
74Kb / 2P
   FREQUENCY MIXERS
logo
VBsemi Electronics Co.,...
ROK0604IGDQA VBSEMI-ROK0604IGDQA Datasheet
513Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Infineon Technologies A...
ROK104001 INFINEON-ROK104001 Datasheet
390Kb / 2P
   Bluetooth MULTI CHIP MODULE
2002
More results

Similar Description - ROKIT

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
RO8605NFKIT PULSE-RO8605NFKIT Datasheet
723Kb / 10P
   RO,5 dBi, 860-930MHz,NF With Mounting Hardware
logo
Switchcraft, Inc.
S2207 SWITCH-S2207 Datasheet
168Kb / 3P
   MOUNTING HARDWARE
P10001 SWITCH-P10001 Datasheet
174Kb / 3P
   MOUNTING HARDWARE
S10451 SWITCH-S10451 Datasheet
174Kb / 3P
   MOUNTING HARDWARE
P10531 SWITCH-P10531 Datasheet
174Kb / 3P
   MOUNTING HARDWARE
S1564 SWITCH-S1564 Datasheet
836Kb / 1P
   MOUNTING HARDWARE
P1476-1 SWITCH-P1476-1 Datasheet
174Kb / 3P
   MOUNTING HARDWARE
S10221 SWITCH-S10221 Datasheet
173Kb / 3P
   MOUNTING HARDWARE
logo
TE Connectivity Ltd
2295226-1 TEC-2295226-1 Datasheet
128Kb / 3P
   PCB Connector Mounting, Mounting Hardware
11/01/2022
logo
Hammond Manufacturing L...
PBFS19007 HAMMOND-PBFS19007 Datasheet
68Kb / 1P
   Mounting hardware not included
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com