Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2684 Datasheet(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2684
Description  Wideband, Low-Power, Current Feedback Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2684 Datasheet(HTML) 7 Page - Burr-Brown (TI)

Back Button OPA2684 Datasheet HTML 3Page - Burr-Brown (TI) OPA2684 Datasheet HTML 4Page - Burr-Brown (TI) OPA2684 Datasheet HTML 5Page - Burr-Brown (TI) OPA2684 Datasheet HTML 6Page - Burr-Brown (TI) OPA2684 Datasheet HTML 7Page - Burr-Brown (TI) OPA2684 Datasheet HTML 8Page - Burr-Brown (TI) OPA2684 Datasheet HTML 9Page - Burr-Brown (TI) OPA2684 Datasheet HTML 10Page - Burr-Brown (TI) OPA2684 Datasheet HTML 11Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
OPA694
SBOS319C − SEPTEMBER 2004 − REVISED NOVEMBER 2004
www.ti.com
7
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At RF = 402Ω, RL = 100Ω, and G = +2V/V, unless otherwise noted.
INPUT VOLTAGE
AND CURRENT NOISE
10
100
1k
10k
100k
1M
10M
1k
100
10
1
100M
Frequency (Hz)
Noninverting Current Noise (24pA/
√Hz)
Inverting Current Noise (22pA/
√Hz)
Voltage Noise (2.1nV/
√Hz)
2−TONE, 3rd−ORDER
INTERMODULATION INTERCEPT
50
0
55
50
45
40
35
30
25
20
10
20
30
40
60
70
80
90
100
Frequency (MHz)
50
OPA694
50
50
P
I
P
O
402
402
RECOMMENDED R
S
vs CAPACITIVE LOAD
10
60
50
40
30
20
10
0
100
Capacitive Load (pF)
0dB Peaking Targeted
FREQUENCY RESPONSE
vs CAPACITIVE LOAD
1M
3
0
−3
−6
−9
−12
−15
−18
1G
100M
10M
Frequency (Hz)
R
S
50
OPA694
C
L
V
I
V
O
402
402
1k
(1)
NOTE: (1) 1k
Ω load is optional
C
L = 100pF
C
L = 47pF
C
L =10pF
C
L =22pF
COMMON−MODE REJECTION RATIO
AND POWER−SUPPLY REJECTION RATIO
vs FREQUENCY
100
70
60
50
40
30
20
10
0
100M
1M
10K
1K
100K
10M
Frequency (Hz)
CMRR
+PSRR
−PSRR
OPEN−LOOP Z
OL
GAIN AND PHASE
100
120
110
100
90
80
70
60
50
40
30
0
−30
−60
−90
−120
−150
−180
−210
1G
100M
1M
10K
1K
100K
10M
Frequency (Hz)
20 log |Z
OL|
<Z
OL


Similar Part No. - OPA2684

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2684 BURR-BROWN-OPA2684 Datasheet
455Kb / 26P
   Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
OPA2684 BURR-BROWN-OPA2684 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA2684 TI-OPA2684 Datasheet
966Kb / 33P
[Old version datasheet]   MINIMAL BANDWIDTH CHANGE VERSUS GAIN, 170MHz BANDWIDTH AT G = 2
OPA2684ID TI1-OPA2684ID Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
OPA2684IDCNT TI1-OPA2684IDCNT Datasheet
964Kb / 34P
[Old version datasheet]   Low-Power, Dual Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA2684

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
OPA694 TI1-OPA694 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA2658 TI1-OPA2658 Datasheet
180Kb / 14P
[Old version datasheet]   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
OPA2694ID TI1-OPA2694ID Datasheet
706Kb / 28P
[Old version datasheet]   Dual, Wideband, Low-Power, Current Feedback Operational Amplifier
logo
Burr-Brown (TI)
OPA2658 BURR-BROWN-OPA2658 Datasheet
230Kb / 13P
   Dual Wideband, Low Power, Current Feedback OPERATIONAL AMPLIFIER
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com